Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXLN200 Datasheet (PDF) - TRACO Electronic AG

TXLN200 Datasheet PDF - TRACO Electronic AG
Part # TXLN200
Download  TXLN200 Download
File Size   979.44 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXLN 200 Series, 200 Watt

TXLN200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXLN200 Datasheet PDF - TRACO Electronic AG

Part # TXLN200
Download  TXLN200 Click to download

File Size   979.44 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXLN 200 Series, 200 Watt

TXLN200 Datasheet (HTML) - TRACO Electronic AG


TXLN200 Product details

• Compact metal case with screw terminal
block
• Universal input 85-264 VAC
• Convection cooled (no-fan)
• High efficiency up to 89%
• Active PFC >0.95
• Compliance to EN 61000-3-2
• Short circuit, overvoltage and overload
protection
• IEC/EN/UL 62368-1 safety approvals
• 3 year product warranty




Similar Part No. - TXLN200

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TXLN-15JR-12.000M TRANSKO-TXLN-15JR-12.000M Datasheet
395Kb / 3P
TCXO/VCTCXO 4PAD SMD (11.4 mm x 9.6 mm)
Rev. 2: Nov 2017
logo
TRACO Electronic AG
TXLN018 TRACOPOWER-TXLN018 Datasheet
911Kb / 4P
AC/DC Power Supply TXLN 018 Series, 18 Watt
Rev. March 16, 2023
TXLN018-103 TRACOPOWER-TXLN018-103 Datasheet
911Kb / 4P
AC/DC Power Supply TXLN 018 Series, 18 Watt
Rev. March 16, 2023
TXLN018-105 TRACOPOWER-TXLN018-105 Datasheet
911Kb / 4P
AC/DC Power Supply TXLN 018 Series, 18 Watt
Rev. March 16, 2023
TXLN018-112 TRACOPOWER-TXLN018-112 Datasheet
911Kb / 4P
AC/DC Power Supply TXLN 018 Series, 18 Watt
Rev. March 16, 2023
More results


Similar Description - TXLN200

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ZWE250-SX-F-W ETA-USA-ZWE250-SX-F-W Datasheet
444Kb / 3P
200 Watt AC/DC POWER SUPPLY
ZTMF200-SX-W ETA-USA-ZTMF200-SX-W Datasheet
584Kb / 6P
200-280 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TOP200 TRACOPOWER-TOP200 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
TXLN018 TRACOPOWER-TXLN018 Datasheet
911Kb / 4P
AC/DC Power Supply TXLN 018 Series, 18 Watt
Rev. March 16, 2023
TXLN035 TRACOPOWER-TXLN035 Datasheet
1,007Kb / 6P
AC/DC Power Supply TXLN 035 Series, 35 Watt
Rev. March 16, 2023
TXLN060 TRACOPOWER-TXLN060 Datasheet
904Kb / 4P
AC/DC Power Supply TXLN 060 Series, 60 Watt
Rev. March 16, 2023
TXLN320 TRACOPOWER-TXLN320 Datasheet
924Kb / 5P
AC/DC Power Supply TXLN 320 Series, 320 Watt
Rev. March 16, 2023
TXLN500 TRACOPOWER-TXLN500 Datasheet
944Kb / 5P
AC/DC Power Supply TXLN 500 Series, 500 Watt
Rev. March 16, 2023
TXLN960 TRACOPOWER-TXLN960 Datasheet
933Kb / 5P
AC/DC Power Supply TXLN 960 Series, 960 Watt
Rev. March 16, 2023
TXM200 TRACOPOWER-TXM200 Datasheet
3Mb / 5P
AC/DC Power Supply TXM 200 Series, 200 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com