Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR2WIN Datasheet (PDF) - TRACO Electronic AG

TMR2WIN Datasheet PDF - TRACO Electronic AG
Part # TMR2WIN
Download  TMR2WIN Download
File Size   983.58 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 2WIN Series, 2 Watt

TMR2WIN Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR2WIN Datasheet PDF - TRACO Electronic AG

Part # TMR2WIN
Download  TMR2WIN Click to download

File Size   983.58 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 2WIN Series, 2 Watt

TMR2WIN Datasheet (HTML) - TRACO Electronic AG


TMR2WIN Product details

• Ultra-wide 4:1 input range
• Compact SIP-8 package
• Temperature range –40 to +90°C (up to
+75°C at full load)
• High efficiency of 82%
• Excellent load and line regulation
• Continuouse short-circuit protection
• Overload protection
• I/O isolation 1500 VDC
• Remote On/Off control
• 3-year product warranty




Similar Part No. - TMR2WIN

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMR2WI TRACOPOWER-TMR2WI Datasheet
926Kb / 4P
DC/DC Converter TMR 2WI Series, 2 Watt
Rev. November 30, 2022
TMR2WISM TRACOPOWER-TMR2WISM Datasheet
945Kb / 4P
DC/DC Converter TMR 2WISM Series, 2 Watt
Rev. March 17, 2023
More results


Similar Description - TMR2WIN

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMR1 TRACOPOWER-TMR1 Datasheet
869Kb / 4P
DC/DC Converter TMR 1 Series, 1 Watt
Rev. November 30, 2022
TMR2 TRACOPOWER-TMR2 Datasheet
958Kb / 4P
DC/DC Converter TMR 2 Series, 2 Watt
Rev. November 30, 2022
TMR2E TRACOPOWER-TMR2E Datasheet
901Kb / 4P
DC/DC Converter TMR 2E Series, 2 Watt
Rev. November 30, 2022
TMR2WI TRACOPOWER-TMR2WI Datasheet
926Kb / 4P
DC/DC Converter TMR 2WI Series, 2 Watt
Rev. November 30, 2022
TMR2WISM TRACOPOWER-TMR2WISM Datasheet
945Kb / 4P
DC/DC Converter TMR 2WISM Series, 2 Watt
Rev. March 17, 2023
TMR3 TRACOPOWER-TMR3 Datasheet
995Kb / 5P
DC/DC Converter TMR 3 Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR3WISM TRACOPOWER-TMR3WISM Datasheet
963Kb / 5P
DC/DC Converter TMR 3WISM Series, 3 Watt
Rev. March 17, 2023
TMR6 TRACOPOWER-TMR6 Datasheet
973Kb / 4P
DC/DC Converter TMR 6 Series, 6 Watt
Rev. November 30, 2022
TMR9 TRACOPOWER-TMR9 Datasheet
971Kb / 5P
DC/DC Converter TMR 9 Series, 9 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com