Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05PD6 Datasheet (PDF) - NXP Semiconductors

68HC05PD6 Datasheet PDF - NXP Semiconductors
Part # 68HC05PD6
Download  68HC05PD6 Download
File Size   1425.31 Kbytes
Page   165 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).

68HC05PD6 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC05PD6 Datasheet PDF - NXP Semiconductors

Part # 68HC05PD6
Download  68HC05PD6 Click to download

File Size   1425.31 Kbytes
Page   165 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).

68HC05PD6 Datasheet (HTML) - NXP Semiconductors


68HC05PD6 Product details

GENERAL DESCRIPTION
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS
Microcontroller Units (MCUs). This sophisticated 80-pin MCU has 16k-bytes of
user ROM, 512 bytes of RAM, and eight parallel ports. Ports A, B, C, F, G, and H
have eight I/O pins, port D and E have 8 output-only pins. The MC68HC05PD6
includes a Time Base circuit, 8 and 16-bit timers, a COP Watchdog timer, LCD
drivers, serial communication interface and P-Decoder. It is targeted for
communication applications such as pagers.

FEATURES
• Industry standard M68HC05 8-bit CPU core
• 16400 bytes of user ROM
• 512 bytes of user RAM (64 bytes for stack)
• 48 bidirectional I/O lines
• 16 output-only lines
• 16-bit timer with Input Capture and Output Compare functions
• COP Watchdog timer
• Serial Communication Interface (SCI)
• LCD drivers (3 or 4 backplane drivers) x (1 to 36 frontplane drivers)
• On-chip Time Base circuits
• Dual oscillators (76.8kHz and 4MHz) and selectable system clock
frequency
• 24-hour Real Time Clock
• 8-bit Event counter / Modulus clock divider
• Key Wake-up Interrupt with 8-bit input
• P-Decoder
• Two IRQ inputs
• Available in 80-pin TQFP package




Similar Part No. - 68HC05PD6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
More results


Similar Description - 68HC05PD6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
NXP Semiconductors
68HC05J5 NXP-68HC05J5 Datasheet
640Kb / 69P
The MC68HC05J5 HCMOS Microcontroller is a member of the MC68HC05 Family of low-cost single-chip 8-bit Microcontroller Units (MCUs).
December 11, 1996 REV 1.1
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com