Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC05BS8 Datasheet (PDF) - NXP Semiconductors

MC68HC05BS8 Datasheet PDF - NXP Semiconductors
Part # MC68HC05BS8
Download  MC68HC05BS8 Download
File Size   1499.28 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.

MC68HC05BS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05BS8 Datasheet PDF - NXP Semiconductors

Part # MC68HC05BS8
Download  MC68HC05BS8 Click to download

File Size   1499.28 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.

MC68HC05BS8 Datasheet (HTML) - NXP Semiconductors


MC68HC05BS8 Product details

DESCRIPTION
The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost
single-chip microcontrollers. It is particularly suitable as a multi-sync computer monitor controller.
This 8-bit microcontroller unit (MCU) contains on-chip oscillator, CPU, RAM, ROM, EEPROM, I/O,
Timers, COP Watchdog, M-Bus Serial Interface System, PWM, and Sync Signal Processor.
The MC68HC705BS8 is an EPROM version of the MC68HC05BS8. All references to the
MC68HC05BS8 apply equally to the MC68HC705BS8, unless otherwise stated. References
specific to the MC68HC705BS8 are italicized in the text, and also, for quick reference, they are
summarized in Appendix A.

Features
• Fully static chip design featuring the industry standard 8-bit M68HC05 core
• Power saving Stop and Wait modes
• 256 bytes of RAM (64 bytes for stack)
• 10K-bytes of ROM for MC68HC05BS8
10K-bytes of EPROM for MC68HC705BS8
• 512 bytes of EEPROM
• 24 bidirectional I/O lines
• 6 keyboard interrupts
• Core timer with RTI and COP watchdog reset
• 2 M-Bus (I2C†) Serial Interfaces (one full H/W, one S/W with hardware support)
• Single channel 6-bit general purpose PWM
Single channel 7-bit raster positioning PWM
• 16-bit programmable timer with one TCAP and one TCMP
• Sync signal processor
• Low voltage reset (LVR)
• Available in 44-pin QFP package




Similar Part No. - MC68HC05BS8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05B16 MOTOROLA-MC68HC05B16 Datasheet
1Mb / 298P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Freescale Semiconductor...
MC68HC05B16 FREESCALE-MC68HC05B16 Datasheet
3Mb / 302P
Microcontrollers
MC68HC05B16 FREESCALE-MC68HC05B16 Datasheet
2Mb / 302P
Microcontrollers
logo
Motorola, Inc
MC68HC05B32 MOTOROLA-MC68HC05B32 Datasheet
1Mb / 298P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Freescale Semiconductor...
MC68HC05B32 FREESCALE-MC68HC05B32 Datasheet
3Mb / 302P
Microcontrollers
More results


Similar Description - MC68HC05BS8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
NXP Semiconductors
68HC05J5 NXP-68HC05J5 Datasheet
640Kb / 69P
The MC68HC05J5 HCMOS Microcontroller is a member of the MC68HC05 Family of low-cost single-chip 8-bit Microcontroller Units (MCUs).
December 11, 1996 REV 1.1
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com