Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXH240 Datasheet (PDF) - TRACO Electronic AG

TXH240 Datasheet PDF - TRACO Electronic AG
Part # TXH240
Download  TXH240 Download
File Size   3679.81 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXH 240 Series, 240 Watt

TXH240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXH240 Datasheet PDF - TRACO Electronic AG

Part # TXH240
Download  TXH240 Click to download

File Size   3679.81 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXH 240 Series, 240 Watt

TXH240 Datasheet (HTML) - TRACO Electronic AG


TXH240 Product details

• Compact U-bracket power supplies with
optional cover
• Universal input range 90 to 264 VAC
• 4000 VAC I/O-isolation
• High efficiency up to 93 %
• Operating temperature range: –10°C to
+70°C max.
• Features active power factor correction
• Short circuit and over voltage protection




Similar Part No. - TXH240

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TXH240-COV TRACOPOWER-TXH240-COV Datasheet
999Kb / 1P
Cover
Rev. November 30, 2022
More results


Similar Description - TXH240

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
logo
ETA-USA
PFE-HSX-U1 ETA-USA-PFE-HSX-U1 Datasheet
752Kb / 4P
240 WATT AC-DC CONVERTER
PLE-HSZ ETA-USA-PLE-HSZ Datasheet
609Kb / 3P
240 WATT AC-DC CONVERTER
PLEY-HSZ ETA-USA-PLEY-HSZ Datasheet
483Kb / 3P
240 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TIB240-EX TRACOPOWER-TIB240-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 240-EX Series, 240 Watt
Rev. November 30, 2022
TIB240 TRACOPOWER-TIB240 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 240 Series, 240 Watt
Rev. November 30, 2022
TXH060 TRACOPOWER-TXH060 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 060 Series, 60 Watt
Rev. March 16, 2023
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
TXH360 TRACOPOWER-TXH360 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 360 Series, 360 Watt
Rev. October 21, 2020
TXH480 TRACOPOWER-TXH480 Datasheet
2Mb / 5P
AC/DC Power Supply TXH 480 Series, 480 Watt
Rev. October 21, 2020
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com