Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXH360 Datasheet (PDF) - TRACO Electronic AG

TXH360 Datasheet PDF - TRACO Electronic AG
Part # TXH360
Download  TXH360 Download
File Size   3676.61 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXH 360 Series, 360 Watt

TXH360 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXH360 Datasheet PDF - TRACO Electronic AG

Part # TXH360
Download  TXH360 Click to download

File Size   3676.61 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TXH 360 Series, 360 Watt

TXH360 Datasheet (HTML) - TRACO Electronic AG


TXH360 Product details

• Compact enclosed power supplies
• Screw terminal block
• Very high efficiency up to 93 %
• Universal input 90 – 264 VAC
• Adjustable output voltage
• EMI/EMC compliance with EN
61000-6-3 and EN 61000-6-1
• Complience to EN 61000-3-2 (PFC)
• Short circuit and over voltage protection
• 3-year product warranty




Similar Part No. - TXH360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXH0137D-Q1 TI-TXH0137D-Q1 Datasheet
989Kb / 21P
TXH0137D-Q1 Automotive 7-Bit Fixed Direction Voltage-Level Translator with Inverted Open-drain Outputs
SEPTEMBER 2023
TXH0137D-Q1 TI2-TXH0137D-Q1 Datasheet
991Kb / 22P
TXH0137D-Q1 Automotive 7-Bit Fixed Direction Voltage-Level Translator with Inverted Open-drain Outputs
SEPTEMBER 2023
TXH0137D-Q1 TI2-TXH0137D-Q1 Datasheet
1Mb / 25P
TXH0137D-Q1 Automotive 7-Bit Fixed Direction Voltage-Level Translator with Inverted Open-drain Outputs
REVISED SEPTEMBER 2026
TXH0137D-Q1 TI2-TXH0137D-Q1_V01 Datasheet
1Mb / 25P
TXH0137D-Q1 Automotive 7-Bit Fixed Direction Voltage-Level Translator with Inverted Open-drain Outputs
REVISED SEPTEMBER 2026
TXH0137DQPWRQ1 TI2-TXH0137DQPWRQ1 Datasheet
1Mb / 25P
TXH0137D-Q1 Automotive 7-Bit Fixed Direction Voltage-Level Translator with Inverted Open-drain Outputs
REVISED SEPTEMBER 2026
More results


Similar Description - TXH360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
360 WATT AC-DC POWER SUPPLY WITH PFC
logo
Artesyn Technologies
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
Total Power: 360 Watts
LPS363-M ARTESYN-LPS363-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
logo
TRACO Electronic AG
TXH060 TRACOPOWER-TXH060 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 060 Series, 60 Watt
Rev. March 16, 2023
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
TXH240 TRACOPOWER-TXH240 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 240 Series, 240 Watt
Rev. March 16, 2023
TXH480 TRACOPOWER-TXH480 Datasheet
2Mb / 5P
AC/DC Power Supply TXH 480 Series, 480 Watt
Rev. October 21, 2020
logo
Integrated Power Design...
GRN-360 IPDPOWER-GRN-360 Datasheet
341Kb / 2P
GRN-360 SINGLE OUTPUT AC-DC
REV. KKL 10/7/2022
logo
Marathon Special Produc...
145X573 MARATHON-145X573 Datasheet
120Kb / 3P
360 Amps 600 Volts AC/DC
REV-H 1/12/18
145X583 MARATHON-145X583 Datasheet
119Kb / 3P
360 Amps 600 Volts AC/DC
REV-I 1/12/18
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com