Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210 Datasheet (PDF) - ATMEL Corporation

ATC210 Datasheet PDF - ATMEL Corporation
Part # ATC210
Download  ATC210 Download
File Size   500.47 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Dual-Input Bus Converter

ATC210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC210 Datasheet PDF - ATMEL Corporation

Part # ATC210
Download  ATC210 Click to download

File Size   500.47 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Dual-Input Bus Converter

ATC210 Datasheet (HTML) - ATMEL Corporation


ATC210 Product details

Dual-Input Bus Converter
Integrated Power Conversion and Power Management Solution

The dual input ATC210 bus converter provides AdvancedTCA (ATCA/PICMG3.0) board designers a compact and rugged solution for generating intermediate bus voltages in a footprint-optimized package.

    Footprint optimized for high-density ATCA applications
    Accepts inputs from both -48 V “A” and “B” feeds
    Power management functions include ORing, inrush control and transient protection
    210 W on 12 V Intermediate Bus
    6 W on 3.3 V Management Power Bus
    I2C serial bus interface for monitoring and reporting
    Programmable alarm thresholds via I2C Bus
    Hardware alarms via opto-isolators for loss of A or B feeds
    Comprehensive protection circuitry - current, voltage and temperature
    RoHS compliant




Similar Part No. - ATC210

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATC210 ARTESYN-ATC210 Datasheet
487Kb / 16P
Integrated Power Conversion and Power Management Solution
logo
Emerson Network Power
ATC210 EMERSON-NETWORKPOWER-ATC210 Datasheet
487Kb / 16P
Dual-Input Bus Converter
logo
Artesyn Technologies
ATC210-48D12-03J ARTESYN-ATC210-48D12-03J Datasheet
487Kb / 16P
Integrated Power Conversion and Power Management Solution
logo
Emerson Network Power
ATC210-48D12-03J EMERSON-NETWORKPOWER-ATC210-48D12-03J Datasheet
487Kb / 16P
Dual-Input Bus Converter
More results


Similar Description - ATC210

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
Bus Converter 48V Input / 12V Output / 20A
07CM-27S12L BEL-07CM-27S12L Datasheet
122Kb / 2P
Bus Converter 48V Input / 12V Output / 27A
07CM-36S10L BEL-07CM-36S10L Datasheet
133Kb / 3P
Bus Converter 48V Input / 9.4V Output / 36A
07CM-38S10L BEL-07CM-38S10L Datasheet
206Kb / 5P
Bus Converter 48V Input / 9.3V Output / 36.5A
07CN-70S10L BEL-07CN-70S10L Datasheet
177Kb / 2P
Bus Converter 48V Input / 9.4V Output / 70A
07CR BEL-07CR Datasheet
134Kb / 2P
Bus Converter 48V Input / 140W Output
logo
Emerson Network Power
ATC210 EMERSON-NETWORKPOWER-ATC210 Datasheet
487Kb / 16P
Dual-Input Bus Converter
QBWIIBC EMERSON-NETWORKPOWER-QBWIIBC Datasheet
302Kb / 4P
wide-input intermediate bus converter
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
BUS CONVERTER
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com