Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL3-2422 Datasheet (PDF) - TRACO Electronic AG

TEL3-2422 Datasheet PDF - TRACO Electronic AG
Part # TEL3-2422
Download  TEL3-2422 Download
File Size   251.94 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 3 Series, 3 Watt

TEL3-2422 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL3-2422 Datasheet PDF - TRACO Electronic AG

Part # TEL3-2422
Download  TEL3-2422 Click to download

File Size   251.94 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 3 Series, 3 Watt

TEL3-2422 Datasheet (HTML) - TRACO Electronic AG


TEL3-2422 Product details

Features
u Wide 2:1 and 3:1 input range
u High efficiency up to 81%
u DIL-24 plastic package
u Indefinite short-circuit protection
u I/O isolation 1500 VDC
u Operating temperature range
–40°C to +85°C
u 3-year product warranty




Similar Part No. - TEL3-2422

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEL30-2409 TRACOPOWER-TEL30-2409 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEL30-2410 TRACOPOWER-TEL30-2410 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEL30-2411 TRACOPOWER-TEL30-2411 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEL30-2412 TRACOPOWER-TEL30-2412 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
More results


Similar Description - TEL3-2422

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEL2 TRACOPOWER-TEL2 Datasheet
209Kb / 3P
DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TES3 TRACOPOWER-TES3 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com