Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFI150 Datasheet (PDF) - TRACO Electronic AG

TFI150 Datasheet PDF - TRACO Electronic AG
Part # TFI150
Download  TFI150 Download
File Size   336.03 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TFI 150 Series, 150 Watt

TFI150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFI150 Datasheet PDF - TRACO Electronic AG

Part # TFI150
Download  TFI150 Click to download

File Size   336.03 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TFI 150 Series, 150 Watt

TFI150 Datasheet (HTML) - TRACO Electronic AG


TFI150 Product details

• Clamps over voltage transients
(up to 385 VDC) at 168 VDC
• Universal use: Can be used with
any DC/DC converter
• Complies with RIA12, NF F 01-510
Surge susceptibilities
• Wide input voltage range: 43 – 160 VDC
• Brownout voltage 36 VDC min.
• Operating temperature range
-40 to +95°C
• 3-year product warranty




Similar Part No. - TFI150

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TFI TRANSKO-TFI Datasheet
440Kb / 2P
TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)
Ver.1: Jan. 2015
logo
TRACO Electronic AG
TFI-20 TRACOPOWER-TFI-20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
TFI-300 TRACOPOWER-TFI-300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
TFI20 TRACOPOWER-TFI20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results


Similar Description - TFI150

ManufacturerPart #DatasheetDescription
logo
Power-One
DY570SE POWER-ONE-DY570SE Datasheet
1Mb / 3P
HES SERIES 150 WATT
HBS150YG-A POWER-ONE-HBS150YG-A Datasheet
88Kb / 3P
HBS SERIES - 150 WATT
logo
Phihong USA Inc.
PSF149-401 PHIHONG-PSF149-401 Datasheet
395Kb / 2P
150 Watt Universal Industrial Series
logo
SL Power Electronics
MENT1150 SLPOWER-MENT1150 Datasheet
259Kb / 2P
Universal Input 150 Watt Series
logo
TRACO Electronic AG
TEP150UIR TRACOPOWER-TEP150UIR Datasheet
1,006Kb / 5P
TEP 150UIR Series, 150 Watt
Rev. January 23, 2023
TEP150WI TRACOPOWER-TEP150WI Datasheet
985Kb / 5P
TEP 150WI Series, 150 Watt
Rev. March 2, 2023
TXLN150 TRACOPOWER-TXLN150 Datasheet
987Kb / 4P
AC/DC Power Supply TXLN 150 Series, 150 Watt
Rev. March 16, 2023
TXM150 TRACOPOWER-TXM150 Datasheet
3Mb / 4P
AC/DC Power Supply TXM 150 Series, 150 Watt
Rev. March 16, 2023
TFI20 TRACOPOWER-TFI20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com