Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFI300 Datasheet (PDF) - TRACO Electronic AG

TFI300 Datasheet PDF - TRACO Electronic AG
Part # TFI300
Download  TFI300 Download
File Size   325.69 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TFI 300 Series, 300 Watt

TFI300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFI300 Datasheet PDF - TRACO Electronic AG

Part # TFI300
Download  TFI300 Click to download

File Size   325.69 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TFI 300 Series, 300 Watt

TFI300 Datasheet (HTML) - TRACO Electronic AG


TFI300 Product details

• Clamps over voltage transients
(up to 385 VDC) at 168 VDC
• Universal use: Can be used with
any DC/DC converter
• Complies with RIA12, NF F 01-510
Surge susceptibilities
• Wide input voltage range: 43 – 160 VDC
• Brownout voltage 36 VDC min.
• Operating temperature range
-40 to +95°C
• 3-year product warranty




Similar Part No. - TFI300

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TFI TRANSKO-TFI Datasheet
440Kb / 2P
TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)
Ver.1: Jan. 2015
logo
TRACO Electronic AG
TFI-150 TRACOPOWER-TFI-150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI-20 TRACOPOWER-TFI-20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI20 TRACOPOWER-TFI20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
More results


Similar Description - TFI300

ManufacturerPart #DatasheetDescription
logo
Power-One
FES POWER-ONE-FES Datasheet
1Mb / 3P
300 WATT
logo
Protek Devices
PSOT15KCA PROTEC-PSOT15KCA_11 Datasheet
635Kb / 6P
300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
300 WATT TVS ARRAY
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
300 WATT TVS ARRAY
logo
Innovative Power Produc...
IPP-RB214LC-25 IPP-IPP-RB214LC-25 Datasheet
56Kb / 1P
RESISTOR, 300 WATT FLANGE
IPP-RB213-150 IPP-IPP-RB213-150 Datasheet
62Kb / 1P
RESISTOR, 300 WATT FLANGE
logo
TRACO Electronic AG
TEQ300WIR TRACOPOWER-TEQ300WIR Datasheet
1Mb / 4P
TEQ 300WIR Series, 300 Watt
Rev. March 16, 2023
TPI300-M TRACOPOWER-TPI300-M Datasheet
1Mb / 6P
AC/DC Power Supply TPI 300-M Series, 300 Watt
Rev. March 16, 2023
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI20 TRACOPOWER-TFI20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com