Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-52626 Datasheet (PDF) - Texas Instruments

PE-52626 Datasheet PDF - Texas Instruments
Part # PE-52626
Download  PE-52626 Download
File Size   4178.6 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator

PE-52626 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE-52626 Datasheet PDF - Texas Instruments

Part # PE-52626
Download  PE-52626 Click to download

File Size   4178.6 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator

PE-52626 Datasheet (HTML) - Texas Instruments


PE-52626 Product details

1 Features
• Newer products available:
– LMR51430 4.5 to 36-V, 3-A, 500-kHz and 1.1-
MHz synchronous converter
– LM76003 3.5 to 60-V, 3.5-A, 300-kHz to 2.2-
MHz synchronous converter
• For faster time to market:
– TLVM13630 3 to 36-V, 3-A, 200-kHz to 2.2-MHz
power module
• 3.3-V, 5-V, 12-V, 15-V, and adjustable output
versions
• Adjustable version output voltage range,1.23 V to
37 V (57 V for HV version) ±4% maximum over line
and load conditions
• Specified 3-A output current
• Wide input voltage range: 40 V Up to 60 V for HV
version
• Requires only four external components
• 52-kHz fixed-frequency internal oscillator
• TTL-shutdown capability, low-power standby mode
• High efficiency
• Uses readily available standard inductors
• Create a custom design using the LMR33630 or
LM76003 with the WEBENCH® Power Designer

2 Applications
• Motor drives
• Merchant network and server PSU
• Appliances
• Test and measurement equipment

3 Description
The LM2576 series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable
of driving 3-A load with excellent line and load
regulation. These devices are available in fixed output
voltages of 3.3 V, 5 V, 12 V, 15 V, and an adjustable
output version.
Requiring a minimum number of external
components, these regulators are simple to use
and include fault protection and a fixed-frequency
oscillator.
The LM2576 series offers a high-efficiency
replacement for popular three-terminal linear
regulators. It substantially reduces the size of the heat
sink, and in some cases no heat sink is required.
A standard series of inductors optimized for use
with the LM2576 are available from several different
manufacturers. This feature greatly simplifies the
design of switch-mode power supplies.
Other features include a ±4% tolerance on output
voltage within specified input voltages and output
load conditions, and ±10% on the oscillator frequency.
External shutdown is included, featuring 50-μA
(typical) standby current. The output switch includes
cycle-by-cycle current limiting, as well as thermal
shutdown for full protection under fault conditions.
The LM76003 requires very few external components
and has a pinout designed for simple, optimum PCB
layout for EMI and thermal performance. See the
device comparison table to compare specs.




Similar Part No. - PE-52626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PE-52626 TI-PE-52626 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
PE-52626 TI-PE-52626 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
PE-52626 PULSE-PE-52626 Datasheet
373Kb / 2P
inductors designed for national?셲 50 kHz simple switcher
logo
Texas Instruments
PE-52626 TI1-PE-52626 Datasheet
3Mb / 37P
LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
PE-52626 PULSE-PE-52626 Datasheet
72Kb / 1P
STANDARD LOW POWER INDUCTORS
More results


Similar Description - PE-52626

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1576-12 NSC-LM1576-12 Datasheet
490Kb / 11P
Simple Switcher??3 Amp Step-Down Voltage Regulator
LM1576-15 NSC-LM1576-15 Datasheet
491Kb / 11P
Simple Switcher??3 Amp Step-Down Voltage Regulator
LM1576-50 NSC-LM1576-50 Datasheet
489Kb / 12P
Simple Switcher??3 Amp Step-Down Voltage Regulator
LM1576-ADJ NSC-LM1576-ADJ Datasheet
572Kb / 14P
Simple Switcher??3 Amp Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com