Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F352 Datasheet (PDF) - Silicon Laboratories

C8051F352 Datasheet PDF - Silicon Laboratories
Part # C8051F352
Download  C8051F352 Download
File Size   3673.61 Kbytes
Page   221 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8 k ISP Flash MCU Family

C8051F352 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F352 Datasheet PDF - Silicon Laboratories

Part # C8051F352
Download  C8051F352 Click to download

File Size   3673.61 Kbytes
Page   221 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8 k ISP Flash MCU Family

C8051F352 Datasheet (HTML) - Silicon Laboratories


C8051F352 Product details

Analog Peripherals
- 24 or 16-Bit ADC
• No missing codes
• 0.0015% nonlinearity
• Programmable conversion rates up to 1 ksps
• 8-Input multiplexer
• 1x to 128x PGA
• Built-in temperature sensor
- Two 8-Bit Current Output DACs
- Comparator
• Programmable hysteresis and response time
• Configurable as interrupt or reset source
• Low current (0.4 μA)
On-chip Debug
- On-chip debug circuitry facilitates full speed, nonintrusive
in-system debug (No emulator required)
- Provides breakpoints, single stepping, 
inspect/modify memory and registers
- Superior performance to emulation systems using
ICE-Chips, target pods, and sockets
- Low Cost, Complete Development Kit
Supply Voltage 2.7 to 3.6 V
- Typical operating current: 5.8 mA @ 25 MHz;
11 μA @ 32 kHz
- Typical stop mode current: 0.1 μA
Temperature Range: –40 to +85 °C
High Speed 8051 μC Core
- Pipelined Instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
- Up to 50 MIPS throughput
- Expanded interrupt handler
Memory
- 768 Bytes (256 + 512) On-Chip RAM
- 8 kB Flash; In-system programmable in 512-byte
Sectors
Digital Peripherals
- 17 Port I/O; All 5 V tolerant with high sink current
- Enhanced UART, SMBus™, and SPI™ Serial Ports
- Four general purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with three
capture/compare modules
- Real time clock mode using PCA or timer and external
clock source
Clock Sources
- Internal Oscillator: 24.5 MHz with ± 2% accuracy
supports UART operation
- External Oscillator: Crystal, RC, C, or clock 
(1 or 2 pin modes)
- Clock multiplier to achieve 50 MHz internal clock
- Can switch between clock sources on-the-fly
28-Pin QFN or 32-Pin LQFP Package
- 5 x 5 mm PCB footprint with 28-QFN




Similar Part No. - C8051F352

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
8 k ISP Flash MCU Family
C8051F352-GQ SILABS-C8051F352-GQ Datasheet
2Mb / 234P
8 k ISP Flash MCU Family
More results


Similar Description - C8051F352

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
8 k ISP Flash MCU Family
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
8K ISP FLASH MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
8K ISP FLASH MCU Family
Rev. 1.7
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
8K ISP FLASH MCU Family
Rev. 1.3
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
8K ISP FLASH MCU Family
Rev. 1.5
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com