Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705RC16 Datasheet (PDF) - NXP Semiconductors

68HC705RC16 Datasheet PDF - NXP Semiconductors
Part # 68HC705RC16
Download  68HC705RC16 Download
File Size   1299.38 Kbytes
Page   120 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.

68HC705RC16 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705RC16 Datasheet PDF - NXP Semiconductors

Part # 68HC705RC16
Download  68HC705RC16 Click to download

File Size   1299.38 Kbytes
Page   120 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.

68HC705RC16 Datasheet (HTML) - NXP Semiconductors


68HC705RC16 Product details

Features of the MC68HC705RC16 are:
• Low Cost
• HC05 Core
• 28-Pin Plastic Dual In-Line (PDIP), Small Outline Integrated
Circuit (SOIC), or 44-Lead Plastic Leaded Chip Carrier (PLCC)
Packages
• On-Chip Oscillator with Crystal/Ceramic Resonator
• 4-MHz Maximum Oscillator Frequency at 5 V and 3.3 V Supply
• Fully Static Operation
• 15,936 Bytes of User ROM
• 64 Bytes of Burn-In ROM
• 352 Bytes of On-Chip RAM
• 14-Stage Core Timer with Real-Time Interrupt (RTI) and
Computer Operating Properly (COP) Watchdog Circuits
• Carrier Modulator Transmitter Supporting Baseband, Pulse
Length Modulator (PLM), and Frequency Shift Keying (FSK)
Protocols
• Low-Power Reset Pin
• 20 Bidirectional I/O Lines (Four Additional I/O Lines Available for
Bond Out in 44-Lead PLCC Package)
• Mask Programmable Pullups and Interrupt on Eight Port Pins
(PB0–PB7)
• High-Current Infrared (IR) Drive Pin
• High-Current Port Pin (PC0)
• Power-Saving Stop and Wait Modes
• Mask Selectable Options:
– COP Watchdog Timer
– STOP Instruction Disable
– Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger
– Port B Pullups for Keyscan




Similar Part No. - 68HC705RC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC705RC17 FREESCALE-68HC705RC17 Datasheet
3Mb / 126P
Genneral Release Specification
logo
NXP Semiconductors
68HC705RC17 NXP-68HC705RC17 Datasheet
1Mb / 126P
The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
REV. 2.0
More results


Similar Description - 68HC705RC16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC705RC17 NXP-68HC705RC17 Datasheet
1Mb / 126P
The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
REV. 2.0
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com