Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62003FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62003FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62003FP
Download  M62003FP Download
File Size   87.81 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES

M62003FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62003FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62003FP
Download  M62003FP Click to download

File Size   87.81 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES

M62003FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62003FP Product details

DESCRIPTION
The M62001~8 are semiconductor integrated circuits whose optimum use is for the detection of the rise and fall in the power supply to a microcomputer system in order to reset or release the microcomputer system.
The M62001~8 carry out voltage detection in 2 steps and have 2 output pins.As Bi-CMOS process and low power dissipating circuits are employed,they output optimum signals through each output pin to a system that requires RAM backup, As output signals,interruption(INT) and compulsive reset(RESET) signals are available.The interruption signal(INT) is used to alter the microcomputer from normal mode to backup mode and vice versa. these output signals are classified into pulse type(M62001~M62004) and hold type (M62005~M62008).

FEATURES
• Bi-CMOS process realizes a configuration of low current dissipating circuits.
   Circuit current
      Icc=5µA(Typ.,normal mode,Vcc=5.0V)
      Icc=1µA(Typ.,backup mode,Vcc=2.5V)
• Two-step detection of supply voltage
   Detection voltage in normal mode (2 types)
      Vs=4.45V/4.25V(Typ.)
   Detection voltage in backup mode
      VBATT=2.15V(Typ.)
• Two outputs
   Reset output (RESET):Output of compulsive reset signal
   Interruption output(INT):Output of interruption signal
• Two types of output forms:CMOS and open drain
• Two types of interruption output (INT) signals
   Pulse type (M62001~M62004)
   Hold type (M62005~M62008)
• Two types of outline packages
   5-pin plastic SIP (single in-line package)
   8-pin plastic SOP (mini flat package)
• Output based on RAM backup mode (See the timing chart.)

APPLICATION
   Prevention of malfunction of microcomputer systems in electronic,equipment such as OA equipment, industrial equipment,and home-use electronic appliances.




Similar Part No. - M62003FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62003L RENESAS-M62003L Datasheet
118Kb / 10P
Low Power 2 Output System Reset IC Series
M62003P RENESAS-M62003P Datasheet
118Kb / 10P
Low Power 2 Output System Reset IC Series
More results


Similar Description - M62003FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
System reset IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Renesas Technology Corp
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
Low Power 2 Output System Reset IC Series
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
Low Power 2 Output System Reset IC with External Input
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
Low Power 2 Output System Reset IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com