Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V49EE502 Datasheet (PDF) - Renesas Technology Corp

5V49EE502 Datasheet PDF - Renesas Technology Corp
Part # 5V49EE502
Download  5V49EE502 Download
File Size   914.29 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE CLOCK GENERATOR

5V49EE502 Datasheet (PDF)

Go To PDF Page Download Datasheet
5V49EE502 Datasheet PDF - Renesas Technology Corp

Part # 5V49EE502
Download  5V49EE502 Click to download

File Size   914.29 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE CLOCK GENERATOR

5V49EE502 Datasheet (HTML) - Renesas Technology Corp


5V49EE502 Product details

Description
The 5V49EE502 is a programmable clock generator
intended for high performance data-communications,
telecommunications, consumer, and networking
applications. There are four internal PLLs, each individually
programmable, allowing for four unique non-integer-related
frequencies. The frequencies are generated from a single
reference clock. The reference clock can come from one of
the two redundant clock inputs. Automatic or manual
switchover function allows any one of the redundant clocks
to be selected during normal operation.
The 5V49EE502 is in-system, programmable and can be
programmed through the use of I2C interface. An internal
EEPROM allows the user to save and restore the
configuration of the device without having to reprogram it
on power-up.
Each of the four PLLs has an 7-bit reference divider and a
12-bit feedback divider. This allows the user to generate
four unique non-integer-related frequencies. The PLL loop
bandwidth is programmable to allow the user to tailor the
PLL response to the application. For instance, the user can
tune the PLL parameters to minimize jitter generation or to
maximize jitter attenuation. Spread spectrum generation
and/or fractional divides are allowed on two of the PLLs.
There are a total of four 8-bit output dividers. Each output
bank can be configured to support LVTTL, LVPECL, LVDS
or HCSL logic levels. Out0 (Output 0) supports 3.3V
single-ended standard only. The outputs are connected to
the PLLs via a switch matrix. The switch matrix allows the
user to route the PLL outputs to any output bank. This
feature can be used to simplify and optimize the board
layout. In addition, each output's slew rate and
enable/disable function is programmable.

Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Fast (400kHz) mode I2C serial interface
• Input frequency range: 1MHz to 200MHz
• Output frequency range: 4.9kHz to 500MHz
• Reference crystal input with programmable linear load
capacitance
— Crystal frequency range: 8MHz to 50MHz
• Two independently controlled VDDO (1.8V to 3.3V)
• Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
• 8-bit output-divider blocks
• Fractional division capability on one PLL
• Two of the PLLs support spread spectrum generation
capability
• I/O standards:
— Outputs: 1.8V to 3.3 V LVTTL/ LVCMOS
— Outputs: LVPECL, LVDS and HCSL
— Inputs: 3.3 V LVTTL/ LVCMOS
• Programmable slew rate control
• Programmable loop bandwidth
• Programmable output inversion to reduce bimodal jitter
• Redundant clock inputs with auto and manual switchover
options
• Individual output enable/disable
• Power-down mode
• 3.3V core VDD
• Available in 24-QFN package
• -40° to +85°C industrial temperature operation




Similar Part No. - 5V49EE502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V49EE502 IDT-5V49EE502 Datasheet
386Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
5V49EE502NLGI IDT-5V49EE502NLGI Datasheet
386Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
5V49EE502NLGI8 IDT-5V49EE502NLGI8 Datasheet
386Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Similar Description - 5V49EE502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE504 IDT-IDT5V49EE504_15 Datasheet
328Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com