Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V49EE504 Datasheet (PDF) - Renesas Technology Corp

IDT5V49EE504 Datasheet PDF - Renesas Technology Corp
Part # IDT5V49EE504
Download  IDT5V49EE504 Download
File Size   553.43 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE CLOCK GENERATOR

IDT5V49EE504 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5V49EE504 Datasheet PDF - Renesas Technology Corp

Part # IDT5V49EE504
Download  IDT5V49EE504 Click to download

File Size   553.43 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE CLOCK GENERATOR

IDT5V49EE504 Datasheet (HTML) - Renesas Technology Corp


IDT5V49EE504 Product details

Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Fast (400kHz) mode I2C serial interface
• Input frequency range: 1 MHz to 200 MHz
• Output frequency range: 4.9 kHz to 200 MHz
• Reference crystal input with programmable linear load
capacitance
– Crystal frequency range: 8 MHz to 50 MHz
• Two independently controlled VDDO (1.8V - 3.3V)
• Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
• 8-bit output-divider blocks
• Fractional division capability on one PLL
• Two of the PLLs support spread spectrum generation
capability




Similar Part No. - IDT5V49EE504

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE504 IDT-IDT5V49EE504 Datasheet
646Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE504 IDT-IDT5V49EE504 Datasheet
328Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE504 IDT-IDT5V49EE504_15 Datasheet
328Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Similar Description - IDT5V49EE504

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE504 IDT-IDT5V49EE504_15 Datasheet
328Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com