Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ207 Datasheet (PDF) - Renesas Technology Corp

2SJ207 Datasheet PDF - Renesas Technology Corp
Part # 2SJ207
Download  2SJ207 Download
File Size   568.56 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2SJ207 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ207 Datasheet PDF - Renesas Technology Corp

Part # 2SJ207
Download  2SJ207 Click to download

File Size   568.56 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2SJ207 Datasheet (HTML) - Renesas Technology Corp


2SJ207 Product details

P-CHANNEL MOS FET
FOR SWITCHING

DESCRIPTION
The 2SJ207, P-channel vertical type MOS FET, is a switching device
which can be driven by 2.5 V power supply.
As the MOS FET is driven by low voltage and does not require
consideration of driving current, it is suitable for appliances including
VCR cameras and headphone stereos which need power saving.

FEATURES
• Directly driven by ICs having a 3 V power supply.
• Not necessary to consider driving current because of its
high input impedance.
• Possible to reduce the number of parts by omitting the bias
resistor.
• Has low on-state resistance
RDS(on) = 4.0 Ω MAX. VGS = -2.5 V, ID = -30 mA
RDS(on) = 1.5 Ω MAX. VGS = -4.0 V, ID = -500 mA




Similar Part No. - 2SJ207

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ207 NEC-2SJ207 Datasheet
335Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
logo
Guangdong Kexin Industr...
2SJ207 KEXIN-2SJ207 Datasheet
43Kb / 1P
MOS Fied Effect Transistor
2SJ207 KEXIN-2SJ207_15 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Similar Description - 2SJ207

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com