Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ9.1B Datasheet (PDF) - Nexperia B.V. All rights reserved

PDZ9.1B Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDZ9.1B
Download  PDZ9.1B Download
File Size   256.8 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes

PDZ9.1B Datasheet (PDF)

Go To PDF Page Download Datasheet
PDZ9.1B Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDZ9.1B
Download  PDZ9.1B Click to download

File Size   256.8 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes

PDZ9.1B Datasheet (HTML) - Nexperia B.V. All rights reserved


PDZ9.1B Product details

1. General description
Low-power general purpose voltage regulator diodes in a very small SOD323 (SC-76) Surface-
Mounted Device (SMD) plastic package.

2. Features and benefits
• Total power dissipation: Ptot ≤ 400 mW
• Small plastic package suitable for surface mounted design
• Wide variety of voltage ranges: nominal 2.4 V to 36 V (E24 range)
• Tolerance approximately ± 2 %
• PDZ5.1B - 10B: Very low dynamic impedances at low currents, very low leakage current, hard
breakdown knee

3. Applications
• General voltage regulation




Similar Part No. - PDZ9.1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ9.1B PHILIPS-PDZ9.1B Datasheet
63Kb / 8P
Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ9.1B PANJIT-PDZ9.1B Datasheet
117Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PDZ9.1B PANJIT-PDZ9.1B Datasheet
294Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ9.1B PHILIPS-PDZ9.1B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
PDZ9.1B NXP-PDZ9.1B Datasheet
143Kb / 9P
Total power dissipation: max. 400 mW
2004 Mar 22
More results


Similar Description - PDZ9.1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
NZX NXP-NZX Datasheet
67Kb / 12P
Single Zener diodes
Rev. 02-3 June 2009
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
Single Zener diodes
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
Single Zener diodes
Rev. 01 - 27 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com