Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ9.1B Datasheet (PDF) - NXP Semiconductors

PDZ9.1B Datasheet PDF - NXP Semiconductors
Part # PDZ9.1B
Download  PDZ9.1B Download
File Size   143.27 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Total power dissipation: max. 400 mW

PDZ9.1B Datasheet (PDF)

Go To PDF Page Download Datasheet
PDZ9.1B Datasheet PDF - NXP Semiconductors

Part # PDZ9.1B
Download  PDZ9.1B Click to download

File Size   143.27 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Total power dissipation: max. 400 mW

PDZ9.1B Datasheet (HTML) - NXP Semiconductors


PDZ9.1B Product details

DESCRIPTION
Low-power general purpose voltage regulator diodes in a small plastic SMD SOD323 (SC-76) package.

FEATURES
• Total power dissipation: max. 400 mW
• Small plastic package suitable for surface mounted design
• Wide variety of voltage ranges: nominal 2.4 to 36 V (E24 range)
• Tolerance approximately ±2%.

APPLICATIONS
• General voltage regulation.




Similar Part No. - PDZ9.1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ9.1B PHILIPS-PDZ9.1B Datasheet
63Kb / 8P
Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ9.1B PANJIT-PDZ9.1B Datasheet
117Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PDZ9.1B PANJIT-PDZ9.1B Datasheet
294Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ9.1B PHILIPS-PDZ9.1B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ9.1B NEXPERIA-PDZ9.1B Datasheet
256Kb / 11P
Single Zener diodes
Rev. 5 - 21 December 2022
More results


Similar Description - PDZ9.1B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
SILICON 400 mW ZENER DIODES
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Texas Instruments
TLC1550I TI1-TLC1550I_14 Datasheet
329Kb / 17P
Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
2SA680 ISC-2SA680 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
29-Nov-16
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
Power Dissipation Pcm= 625 mW (Ta=25C)
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com