Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8S89875I Datasheet (PDF) - Renesas Technology Corp

8S89875I Datasheet PDF - Renesas Technology Corp
Part # 8S89875I
Download  8S89875I Download
File Size   621.8 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS Buffer/Divider w/Internal Termination

8S89875I Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89875I Datasheet PDF - Renesas Technology Corp

Part # 8S89875I
Download  8S89875I Click to download

File Size   621.8 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS Buffer/Divider w/Internal Termination

8S89875I Datasheet (HTML) - Renesas Technology Corp


8S89875I Product details

Description
The 8S89875I is a high speed Differential-to-LVDS Buffer/Divider
w/Internal Termination. The 8S89875I has selectable ÷1, ÷2, ÷4, ÷8,
÷16 output divider. The clock input has internal termination resistors,
allowing it to interface with several differential signal types while
minimizing the number of required external components.
The device is packaged in a small, 3mm x 3mm VFQFN package,
making it ideal for use on space-constrained boards.

Features
• Two LVDS output pairs
• Frequency divide select options: ÷1, ÷2, ÷4, ÷8, ÷16
• IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML
• Input frequency: 2.5GHz (maximum)
• Cycle-to-cycle jitter, RMS: 4.1ps (maximum)
• Total jitter: 18ps (maximum)
• Output skew: 15ps (maximum)
• Part-to-part skew: 280ps (maximum)
• Propagation delay: 1000ps (maximum)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Pin compatible with the obsolete device, 889875AK




Similar Part No. - 8S89875I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
More results


Similar Description - 8S89875I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
8S89833 IDT-8S89833 Datasheet
322Kb / 17P
Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
8S89876I IDT-8S89876I Datasheet
335Kb / 15P
Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Renesas Technology Corp
8S89833 RENESAS-8S89833 Datasheet
666Kb / 16P
Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
September 22, 2017
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com