Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8S89873I Datasheet (PDF) - Renesas Technology Corp

IDT8S89873I Datasheet PDF - Renesas Technology Corp
Part # IDT8S89873I
Download  IDT8S89873I Download
File Size   569.65 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS Buffer/Divider with Internal Termination

IDT8S89873I Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT8S89873I Datasheet PDF - Renesas Technology Corp

Part # IDT8S89873I
Download  IDT8S89873I Click to download

File Size   569.65 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS Buffer/Divider with Internal Termination

IDT8S89873I Datasheet (HTML) - Renesas Technology Corp


IDT8S89873I Product details

Features
• Three LVDS outputs
• Frequency divide select options: ÷2, ÷4, ÷8, ÷16
• IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML
• Output frequency: 2GHz (maximum) in pass-through mode
• Additive phase jitter: 0.185ps (typical) RMS
• Output skew: 9ps (typical), QBx, nQBx outputs
• Propagation Delay: 540ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - IDT8S89873I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8S89871I RENESAS-IDT8S89871I Datasheet
732Kb / 19P
1:2 Differential-to-LVPECL Buffer/Divider
November 28, 2017
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
More results


Similar Description - IDT8S89873I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
8S89833 IDT-8S89833 Datasheet
322Kb / 17P
Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Renesas Technology Corp
8S89833 RENESAS-8S89833 Datasheet
666Kb / 16P
Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
September 22, 2017
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com