Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N281-003 Datasheet (PDF) - Renesas Technology Corp

8T49N281-003 Datasheet PDF - Renesas Technology Corp
Part # 8T49N281-003
Download  8T49N281-003 Download
File Size   1671.0 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Tilera TILE-Gx72 & TILE-Gx9, Gx16, Gx36 & Gx72 Processor

8T49N281-003 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N281-003 Datasheet PDF - Renesas Technology Corp

Part # 8T49N281-003
Download  8T49N281-003 Click to download

File Size   1671.0 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Tilera TILE-Gx72 & TILE-Gx9, Gx16, Gx36 & Gx72 Processor

8T49N281-003 Datasheet (HTML) - Renesas Technology Corp


8T49N281-003 Product details

General Description
The 8T49N281-003 has a fractional-feedback PLL that can be used
as a jitter attenuator or frequency translator. It is equipped with six
integer and two fractional output dividers, allowing the generation of
up to 8 different output frequencies, ranging from 8kHz to 1GHz.
Three of these frequencies are completely independent of each other
and the inputs. The other five are related frequencies. The eight
outputs may select among LVPECL, LVDS or LVCMOS output levels.
This functionality makes it ideal to be used in any frequency
translation application, including 1G, 10G, 40G and 100G
Synchronous Ethernet, OTN, and SONET/SDH, including ITU-T
G.709 (2009) FEC rates. The device may also behave as a frequency
synthesizer.
The 8T49N281-003 accepts up to twodifferential or single-ended
input clocks and a crystal input. The PLL can lock to either input clock,
but both input clocks must be related in frequency.
The device supports hitless reference switching between input
clocks. The device monitors both input clocks for Loss of Signal
(LOS). It generates an alarm when an input clock failure is detected.
Automatic and manual hitless reference switching options are
supported. LOS behavior can be set to support gapped or un-gapped
clocks.
The 8T49N281-003 supports holdover with an initial accuracy of
±50ppB from the point where the loss of all applicable input
reference(s) has been detected. It maintains a historical average
operating point that may be returned to in holdover at a limited phase
slope.
The device places no constraints on input to output frequency
conversion, supporting all FEC rates, including the new revision of
ITU-T Recommendation G.709 (2009), most with 0ppm conversion
error.
The PLL has a register-selectable loop bandwidth from 0.5Hz to
512Hz.
Each output supports individual phase delay settings to allow
output-output alignment.
The device supports Output Enable inputs and Lock, Holdover and
LOS status outputs.
The device is programmable through an I2C interface. It also supports
I
2C master capability to allow the register configuration to be read
from an external EEPROM.

Features
• Supports SDH/SONET and Synchronous Ethernet clocks
including all FEC rate conversions
• Two differential outputs meet jitter limits for 100G Ethernet and
STM-256/OC-768
• <0.3ps RMS (including spurs): 12kHz to 20MHz
• All outputs <0.5ps RMS (including spurs) 12kHz to 20MHz
• Operating modes: locked to input signal, holdover and free-run
• Initial holdover accuracy of ±50ppb
• Accepts two LVPECL, LVDS, LVHSTL, HCSL or LVCMOS
input clocks
• Accepts frequencies ranging from 8kHz up to 875MHz
• Auto and manual input clock selection with hitless switching
• Clock input monitoring, including support for gapped clocks
• Phase-Slope Limiting and Fully Hitless Switching options to
control output phase transients
• Operates from a 10MHz to 40MHz fundamental-mode crystal
• Generates eight LVPECL, LVDS or sixteen LVCMOS output clocks
• Output frequencies ranging from 8kHz up to 1.0GHz (diff)
• Output frequencies ranging from 8kHz to 250MHz (LVCMOS)
• Four General Purpose I/O pins with optional support for status &
control:
• Four Output Enable control inputs may be mapped to any of the
eight outputs
• Lock, Holdover & Loss-of-Signal status outputs
• Open-drain Interrupt pin
• Programmable PLL bandwidth settings:
• 0.5Hz, 1Hz, 2Hz, 4Hz, 8Hz, 16Hz, 32Hz, 64Hz, 128Hz, 256Hz
or 512Hz
• Optional Fast Lock function
• Programmable output phase delays in steps as small as 16ps
• Register programmable through I2C or via external I2C EEPROM
• Bypass clock paths for system tests
• Power supply modes
VCC / VCCA / VCCO
3.3V / 3.3V / 3.3V
3.3V / 3.3V / 2.5V
3.3V / 3.3V / 1.8V (LVCMOS)
2.5V / 2.5V / 3.3V
2.5V / 2.5V / 2.5V
2.5V / 2.5V / 1.8V (LVCMOS)
• Power down modes support consumption as low as 1.5W (see
Section, “Power Dissipation and Thermal Considerations” for
details)
• -40°C to 85°C ambient operating temperature
• Package: 56QFN, lead-free RoHs (6)




Similar Part No. - 8T49N281-003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N281 IDT-8T49N281 Datasheet
1Mb / 63P
Operating modes: locked to input signal
8T49N281 IDT-8T49N281 Datasheet
1Mb / 67P
FemtoClock NG Octal Universal Frequency Translator
logo
Renesas Technology Corp
8T49N281 RENESAS-8T49N281 Datasheet
1Mb / 64P
FemtoClock® NG Octal Universal Frequency Translator
January 17, 2019
logo
Integrated Device Techn...
8T49N281C-DDDNLGI IDT-8T49N281C-DDDNLGI Datasheet
1Mb / 67P
FemtoClock NG Octal Universal Frequency Translator
logo
Renesas Technology Corp
8T49N281C-DDDNLGI RENESAS-8T49N281C-DDDNLGI Datasheet
1Mb / 64P
FemtoClock® NG Octal Universal Frequency Translator
January 17, 2019
More results


Similar Description - 8T49N281-003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
New Japan Radio
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
AUDIO PROCESSOR
logo
Analog Devices
ADSP-21477 AD-ADSP-21477 Datasheet
1Mb / 76P
SHARC Processor
REV. B
logo
Tripp Lite. All Rights ...
SRCEILINGADAPT TRIPPLITE-SRCEILINGADAPT Datasheet
489Kb / 1P
SmartRack Ceiling Tile Adapter Kit for SRCOOL33K
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Laird Tech Smart Techno...
CMS38606P LSTD-CMS38606P Datasheet
2Mb / 3P
Mounts directly and easily to ceiling tile
logo
NXP Semiconductors
P1020PB NXP-P1020PB Datasheet
592Kb / 16P
Integrated Processor
Rev. 0 11/2008
logo
3M Electronics
677XA 3M-677XA Datasheet
109Kb / 2P
Trizact™ Diamond Tile 677XA
Sep-2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com