Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N281 Datasheet (PDF) - Renesas Technology Corp

8T49N281 Datasheet PDF - Renesas Technology Corp
Part # 8T49N281
Download  8T49N281 Download
File Size   1673.84 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Octal Universal Frequency Translator

8T49N281 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N281 Datasheet PDF - Renesas Technology Corp

Part # 8T49N281
Download  8T49N281 Click to download

File Size   1673.84 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Octal Universal Frequency Translator

8T49N281 Datasheet (HTML) - Renesas Technology Corp


8T49N281 Product details

Description
The 8T49N281 has a fractional-feedback PLL that can be used as a
jitter attenuator or frequency translator. It is equipped with six integer
and two fractional output dividers, allowing the generation of up to 8
different output frequencies, ranging from 8kHz to 1GHz. Three of
these frequencies are completely independent of each other and the
inputs. The other five are related frequencies. The eight outputs may
select among LVPECL, LVDS or LVCMOS output levels.
This functionality makes it ideal to be used in any frequency
translation application, including 1G, 10G, 40G and 100G
Synchronous Ethernet, OTN, and SONET/SDH, including ITU-T
G.709 (2009) FEC rates. The device may also behave as a frequency
synthesizer.
The 8T49N281 accepts up to two differential or single-ended input
clocks and a crystal input. The PLL can lock to either input clock, but
both input clocks must be related in frequency.
The device supports hitless reference switching between input
clocks. The device monitors both input clocks for Loss of Signal
(LOS). It generates an alarm when an input clock failure is detected.
Automatic and manual hitless reference switching options are
supported. LOS behavior can be set to support gapped or un-gapped
clocks.
The 8T49N281 supports holdover with an initial accuracy of ±50ppB
from the point where the loss of all applicable input reference(s) has
been detected. It maintains a historical average operating point that
may be returned to in holdover at a limited phase slope.
The device places no constraints on input to output frequency
conversion, supporting all FEC rates, including the new revision of
ITU-T Recommendation G.709 (2009), most with 0ppm conversion
error.
The PLL has a register-selectable loop bandwidth from 0.5Hz to
512Hz.
Each output supports individual phase delay settings to allow
output-output alignment.
The device supports Output Enable inputs and Lock, Holdover and
LOS status outputs.
The device is programmable through an I2C interface. It also supports
I
2C master capability to allow the register configuration to be read
from an external EEPROM.

Features
• Supports SDH/SONET and Synchronous Ethernet clocks
including all FEC rate conversions
• Two differential outputs meet jitter limits for 100G Ethernet and
STM-256/OC-768
• <0.3ps RMS (including spurs): 12kHz to 20MHz
• All outputs <0.5ps RMS (including spurs) 12kHz to 20MHz
• Operating modes: locked to input signal, holdover and free-run
• Initial holdover accuracy of ±50ppb
• Accepts two LVPECL, LVDS, LVHSTL, HCSL or LVCMOS
input clocks
• Accepts frequencies ranging from 8kHz up to 875MHz
• Auto and manual input clock selection with hitless switching
• Clock input monitoring, including support for gapped clocks
• Phase-Slope Limiting and Fully Hitless Switching options to
control output phase transients
• Operates from a 10MHz to 40MHz fundamental-mode crystal
• Generates eight LVPECL /LVDS or sixteen LVCMOS output
clocks
• Output frequencies ranging from 8kHz up to 1.0GHz (diff)
• Output frequencies ranging from 8kHz to 250MHz (LVCMOS)
• Four General Purpose I/O pins with optional support for status &
control:
• Four Output Enable control inputs may be mapped to any of the
eight outputs
• Lock, Holdover & Loss-of-Signal status outputs
• Open-drain Interrupt pin
• Programmable PLL bandwidth settings:
• 0.5Hz, 1Hz, 2Hz, 4Hz, 8Hz, 16Hz, 32Hz, 64Hz, 128Hz, 256Hz
or 512Hz
• Optional Fast Lock function
• Programmable output phase delays in steps as small as 16ps
• Register programmable through I2C or via external I2C EEPROM
• Bypass clock paths for system tests
• Power supply modes
VCC / VCCA / VCCO
3.3V / 3.3V / 3.3V
3.3V / 3.3V / 2.5V
3.3V / 3.3V / 1.8V (LVCMOS)
2.5V / 2.5V / 3.3V
2.5V / 2.5V / 2.5V
2.5V / 2.5V / 1.8V (LVCMOS)
• Power down modes support consumption as low as 1.5W (see
Power Dissipation and Thermal Considerations for details)
• -40°C to 85°C ambient operating temperature
• Package: 56QFN, lead-free RoHs (6)




Similar Part No. - 8T49N281

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N281 IDT-8T49N281 Datasheet
1Mb / 63P
Operating modes: locked to input signal
8T49N281 IDT-8T49N281 Datasheet
1Mb / 67P
FemtoClock NG Octal Universal Frequency Translator
logo
Renesas Technology Corp
8T49N281-003 RENESAS-8T49N281-003 Datasheet
1Mb / 70P
Tilera TILE-Gx72 & TILE-Gx9, Gx16, Gx36 & Gx72 Processor
February 4, 2016
8T49N281C-003NLGI RENESAS-8T49N281C-003NLGI Datasheet
1Mb / 70P
Tilera TILE-Gx72 & TILE-Gx9, Gx16, Gx36 & Gx72 Processor
February 4, 2016
8T49N281C-003NLGI8 RENESAS-8T49N281C-003NLGI8 Datasheet
1Mb / 70P
Tilera TILE-Gx72 & TILE-Gx9, Gx16, Gx36 & Gx72 Processor
February 4, 2016
More results


Similar Description - 8T49N281

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N283 RENESAS-8T49N283 Datasheet
1Mb / 77P
FemtoClock® NG Octal Universal Frequency Translator
January 29, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
8T49N287 RENESAS-8T49N287 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com