Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8T49N222I Datasheet (PDF) - Renesas Technology Corp

IDT8T49N222I Datasheet PDF - Renesas Technology Corp
Part # IDT8T49N222I
Download  IDT8T49N222I Download
File Size   896.66 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

IDT8T49N222I Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT8T49N222I Datasheet PDF - Renesas Technology Corp

Part # IDT8T49N222I
Download  IDT8T49N222I Click to download

File Size   896.66 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

IDT8T49N222I Datasheet (HTML) - Renesas Technology Corp


IDT8T49N222I Product details

Features
• Fourth generation FemtoClock® NG technology
• Universal Frequency Translator
• Zero ppm frequency translation
• Two outputs, individually programmable as LVPECL or LVDS
• Outputs may be individually set to use 2.5V or 3.3V output
levels
• Individually programmable output frequencies: 7.29MHz up to
1200MHz
• Two differential inputs support the following input types:
LVPECL, LVDS, LVHSTL, HCSL
• Input frequency range: 8kHz to 710MHz
• Hitless switching between inputs
• Crystal input frequency range: 16MHz to 40MHz
• Holdover support in the event both inputs fail
• One factory-set register configuration for power-up default state
• Configurations customized via One-Time Programmable ROM
• Settings may be overwritten after power-up via I2C
• I2C Serial interface for register programming
• RMS phase jitter at 156.25MHz, using a 40MHz crystal
(12kHz - 20MHz): 507fs (typical), Low Bandwidth Mode (FracN)
• Supports ITU-T G.8262 Synchronous Ethernet equipment slave
clocks (EEC option 1 and 2)




Similar Part No. - IDT8T49N222I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8T49N222I IDT-IDT8T49N222I Datasheet
689Kb / 40P
Fourth generation FemtoClock
More results


Similar Description - IDT8T49N222I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
March 5, 2019
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N203I RENESAS-IDT8T49N203I Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
OCTOBER 9, 2012
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com