Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8T49N203I Datasheet (PDF) - Renesas Technology Corp

IDT8T49N203I Datasheet PDF - Renesas Technology Corp
Part # IDT8T49N203I
Download  IDT8T49N203I Download
File Size   1463.75 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

IDT8T49N203I Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT8T49N203I Datasheet PDF - Renesas Technology Corp

Part # IDT8T49N203I
Download  IDT8T49N203I Click to download

File Size   1463.75 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

IDT8T49N203I Datasheet (HTML) - Renesas Technology Corp


IDT8T49N203I Product details

General Description
The IDT8T49N203I is a highly flexible FemtoClock® NG general
purpose, low phase noise Universal Frequency Translator /
Synthesizer with alarm and monitoring functions suitable for
networking and communications applications. It is able to generate
any output frequency in the 0.98MHz - 312.5MHz range and most
output frequencies in the 312.5MHz - 1,300MHz range (see Table 3
for details). A wide range of input reference clocks and a range of
low-cost fundamental mode crystal frequencies may be used as the
source for the output frequency.
The IDT8T49N203I has three operating modes to support a very
broad spectrum of applications:
1) Frequency Synthesizer
• Synthesizes output frequencies from a 16MHz - 40MHz
fundamental mode crystal.
• Fractional feedback division is used, so there are no
requirements for any specific crystal frequency to produce the
desired output frequency with a high degree of accuracy.
2) High-Bandwidth Frequency Translator
• Applications: PCI Express, Computing, General Purpose
• Translates any input clock in the 16MHz - 710MHz frequency
range into any supported output frequency.
• This mode has a high PLL loop bandwidth in order to track input
reference changes, such as Spread-Spectrum Clock
modulation, so it will not attenuate much jitter on the input
reference.
3) Low-Bandwidth Frequency Translator
• Applications: Networking & Communications.
• Translates any input clock in the 8kHz -710MHz frequency
range into any supported output frequency.
• This mode supports PLL loop bandwidths in the 10Hz - 580Hz
range and makes use of an external crystal to provide
significant jitter attenuation.

Features
• Fourth generation FemtoClock® NG technology
• Universal Frequency Translator (UFT) / Frequency Synthesizer
• Two outputs, individually programmable as LVPECL or LVDS
• Both outputs may be set to use 2.5V or 3.3V output levels
• Programmable output frequency: 0.98MHz up to 1,300MHz
• Zero ppm frequency translation
• Two differential inputs support the following input types:
LVPECL, LVDS, LVHSTL, HCSL
• Input frequency range: 8kHz - 710MHz
• Crystal input frequency range: 16MHz - 40MHz
• Two factory-set register configurations for power-up default state
• Power-up default configuration pin or register selectable
• Configurations customized via One-Time Programmable ROM
• Settings may be overwritten after power-up via I2C
• I2C Serial interface for register programming
• RMS phase jitter at 155.52MHz, using a 40MHz crystal LVDS
Output (12kHz - 20MHz): 439fs (typical), Low Bandwidth Mode
(FracN)
• RMS phase jitter at 400MHz, using a 40MHz crystal
(12kHz - 40MHz):285fs (typical), Synthesizer Mode (Integer FB)
• Output supply voltage modes:
VCC/VCCA/VCCO
3.3V/3.3V/3.3V
3.3V/3.3V/2.5V (LVPECL only)
2.5V/2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - IDT8T49N203I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8T49N203I IDT-IDT8T49N203I Datasheet
1Mb / 40P
Fourth generation FemtoClock
More results


Similar Description - IDT8T49N203I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
March 5, 2019
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com