Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N241 Datasheet (PDF) - Renesas Technology Corp

8T49N241 Datasheet PDF - Renesas Technology Corp
Part # 8T49N241
Download  8T49N241 Download
File Size   1801.26 Kbytes
Page   67 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

8T49N241 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N241 Datasheet PDF - Renesas Technology Corp

Part # 8T49N241
Download  8T49N241 Click to download

File Size   1801.26 Kbytes
Page   67 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

8T49N241 Datasheet (HTML) - Renesas Technology Corp


8T49N241 Product details

Description
The 8T49N241 has one fractional-feedback PLL that can be used as
a jitter attenuator and frequency translator. It is equipped with one
integer and three fractional output dividers, allowing the generation of
up to four different output frequencies, ranging from 8kHz to 1GHz.
These frequencies are completely independent of each other, the
input reference frequencies, and the crystal reference frequency. The
device places virtually no constraints on input to output frequency
conversion, supporting all FEC rates, including the new revision of
ITU-T Recommendation G.709 (2009), most with 0ppm conversion
error. The outputs may select among LVPECL, LVDS, HCSL or
LVCMOS output levels.
This makes it ideal to be used in any frequency synthesis application,
including 1G, 10G, 40G and 100G Synchronous Ethernet, OTN, and
SONET/SDH, including ITU-T G.709 (2009) FEC rates.
The 8T49N241 accepts up to two differential or single-ended input
clocks and a fundamental-mode crystal input. The internal PLL can
lock to either of the input reference clocks or just to the crystal to
behave as a frequency synthesizer. The PLL can use the second
input for redundant backup of the primary input reference, but in this
case, both input clock references must be related in frequency.
The device supports hitless reference switching between input
clocks. The device monitors both input clocks for Loss of Signal
(LOS), and generates an alarm when an input clock failure is
detected. Automatic and manual hitless reference switching options
are supported. LOS behavior can be set to support gapped or
un-gapped clocks.
The 8T49N241 supports holdover. The holdover has an initial
accuracy of ±50ppB from the point where the loss of all applicable
input reference(s) has been detected. It maintains a historical
average operating point for the PLL that may be returned to in
holdover at a limited phase slope.
The PLL has a register-selectable loop bandwidth from 0.2Hz to
6.4kHz.
The device supports Output Enable & Clock Select inputs and Lock,
Holdover & LOS status outputs.
The device is programmable through an I2C interface. It also supports
I
2C master capability to allow the register configuration to be read
from an external EEPROM.
Programming with IDT’s Timing Commander software is
recommended for optimal device performance. Factory
pre-programmed devices are also available.

Features
• Supports SDH/SONET and Synchronous Ethernet clocks including
all FEC rate conversions
• 0.35ps RMS Typical Jitter (including spurs): 12kHz to 20MHz
• Operating Modes: Synthesizer, Jitter Attenuator
• Operates from a 10MHz to 50MHz fundamental-mode crystal or a
10MHz to 125MHz external oscillator
• Initial holdover accuracy of +50ppb.
• Accepts up to 2 LVPECL, LVDS, LVHSTL or LVCMOS input clocks
• Accepts frequencies ranging from 8kHz to 875MHz
• Auto and manual clock selection with hitless switching
• Clock input monitoring including support for gapped clocks
• Phase-slope limiting and fully hitless switching options to control
output clock phase transients
• Generates four LVPECL / LVDS / HCSL or eight LVCMOS output
clocks
• Output frequencies ranging from 8kHz up to 1.0GHz
(differential)
• Output frequencies ranging from 8kHz to 250MHz (LVCMOS)
• One integer divider ranging from ÷4 to ÷786,420
• Three fractional output dividers (see Output Dividers)
• Programmable loop bandwidth settings from 0.2Hz to 6.4kHz
• Optional fast-lock function
• Four General Purpose I/O pins with optional support for status &
control:
• Two Output Enable control inputs provide control over the four
clocks
• Manual clock selection control input
• Lock, Holdover and Loss-of-Signal alarm outputs
• Open-drain Interrupt pin
• Register programmable through I2C or via external I2C EEPROM
• Full 2.5V or 3.3V supply modes, 1.8V support for LVCMOS outputs,
GPIO and control pins
• -40°C to 85°C ambient operating temperature
• Package: 40-VFQFPN, lead-free (RoHS 6)




Similar Part No. - 8T49N241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
Manual clock selection control input
REVISION 1
logo
Integrated Device Techn...
8T49N241 IDT-8T49N241 Datasheet
1Mb / 64P
Auto and manual clock selection with hitless switching
8T49N241 IDT-8T49N241 Datasheet
1Mb / 67P
NG Universal Frequency Translator
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
2Mb / 66P
FemtoClock® NG Universal Frequency Translator
August 1, 2025
logo
Integrated Device Techn...
8T49N241-000NLGI IDT-8T49N241-000NLGI Datasheet
1Mb / 68P
FemtoClock NG Universal Frequency Translator
More results


Similar Description - 8T49N241

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N203I RENESAS-IDT8T49N203I Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
OCTOBER 9, 2012
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com