Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25EDWVR Datasheet (PDF) - Texas Instruments

AMC1306M25EDWVR Datasheet PDF - Texas Instruments
Part # AMC1306M25EDWVR
Download  AMC1306M25EDWVR Download
File Size   1607.02 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1306M25E High-Precision, Reinforced Isolated Delta-Sigma Modulator With –55°C Extended Temperature Range

AMC1306M25EDWVR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1306M25EDWVR Datasheet PDF - Texas Instruments

Part # AMC1306M25EDWVR
Download  AMC1306M25EDWVR Click to download

File Size   1607.02 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1306M25E High-Precision, Reinforced Isolated Delta-Sigma Modulator With –55°C Extended Temperature Range

AMC1306M25EDWVR Datasheet (HTML) - Texas Instruments


AMC1306M25EDWVR Product details

1 Features
• Linear input voltage range: ±250 mV
• Low DC errors:
– Offset error: ±100 μV (max)
– Offset drift: 1 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40 ppm/°C (max)
• High CMTI: 100 kV/μs (min)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 7070-VPEAK reinforced isolation per DIN EN
IEC 60747-17 (VDE 0884-17): 2021-10
– 5000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
• Supports operation down to –55°C

2 Applications
• Shunt-resistor-based current sensing and isolated
voltage measurements in:
– Traction inverters
– Onboard chargers
– DC/DC converters
– HEV/EV DC chargers

3 Description
The AMC1306M25E is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by an isolation barrier that is highly resistant
to magnetic interference. This barrier is certified to
provide reinforced isolation of up to 7070 VPEAK
according to the DIN EN IEC 60747-17 (VDE
0884-17) and UL1577 standards, and supports a
working voltage up to 1.5 kVRMS. The isolation barrier
separates parts of the system that operate on different
common-mode voltage levels and protects the lowvoltage
side from voltages that can cause electrical
damage or be harmful to an operator.
The input of the AMC1306M25E is optimized for
direct connection to shunt resistors or other low
voltage-level signal sources. The excellent DC
accuracy and low temperature drift supports accurate
current control in onboard chargers (OBC), DC/DC
converters, traction inverters, or other high-voltage
applications. By using an integrated digital filter (such
as those in the TMS320F2807x or TMS320F2837x
microcontroller families) to decimate the bitstream,
the device can achieve 16 bits of resolution with a
dynamic range of 85 dB at a data rate of 78 kSPS.
The AMC1306M25E is offered in a 8-pin, wide-body
SOIC package, is fully specified over the extended
industrial temperature range of –40°C to +125°C, and
supports operation down to –55°C.




Similar Part No. - AMC1306M25EDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306M25 TI1-AMC1306M25 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25 TI1-AMC1306M25 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25 TI1-AMC1306M25 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25 TI-AMC1306M25 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25 TI2-AMC1306M25 Datasheet
1Mb / 45P
AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
REVISED JANAURY 2020
More results


Similar Description - AMC1306M25EDWVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1336 TI1-AMC1336 Datasheet
766Kb / 31P
AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
logo
Analog Devices
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com