Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V79S680 Datasheet (PDF) - Renesas Technology Corp

8V79S680 Datasheet PDF - Renesas Technology Corp
Part # 8V79S680
Download  8V79S680 Download
File Size   1048.24 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JESD204B Compliant Fanout Buffer and Divider

8V79S680 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V79S680 Datasheet PDF - Renesas Technology Corp

Part # 8V79S680
Download  8V79S680 Click to download

File Size   1048.24 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JESD204B Compliant Fanout Buffer and Divider

8V79S680 Datasheet (HTML) - Renesas Technology Corp


8V79S680 Product details

Description
The 8V79S680 is a fully integrated, clock and SYSREF signal
fanout buffer for JESD204B applications. It is designed as a
high-performance clock and converter synchronization solution for
wireless base station radio equipment boards with JESD204B
subclass 0, 1, and 2 compliance. The main function of the device
is the distribution and fanout of high-frequency clocks and
low-frequency system reference signals generated by a
JESB204B clock generator such as the IDT 8V19N480, extending
its fanout capabilities and providing additional phase-delay.
The 8V79S680 is optimized to deliver very low phase noise clocks
and precise, phase-adjustable SYSREF synchronization signals
as required in GSM, WCDMA, LTE, LTE-A radio board
implementations. Low-skew outputs, low device-to-device skew
characteristics and fast output rise/fall times help the system
design to achieve deterministic clock and SYSREF phase
relationship across devices.
The device distributes the input clock (CLK) and JESD204B
SYSREF signals (REF) to four fanout channels. In each channel,
both input clock and SYSREF signals are fanned-out to multiple
clock (QCLK) and SYSREF (QREF) outputs. Clock signals can be
frequency-divided in each channel. Configurable phase-delay
circuits are available for both clock and SYSREF signals. The
propagation delays in all signal paths are fully deterministic to
support fixed phase relationships between clock and SYSREF
signals within one device. Clock divider can be bypassed for
low-latency clock paths. The device facilitates synchronization
between frequency dividers within the device and across multiple
devices, removing phase ambiguity introduced in dividers
between power and configuration cycles.
Each channel supports clock frequencies up to 3GHz. In an
alternative configuration, for instance JESD204B subclass 0 and
2, the SYSREF (QREF) outputs can be configured as regular
clock outputs adding additional clock fanout to the device.
All outputs are very flexible in amplitude configuration, output
signal termination and allow both DC and AC coupling. Outputs
can be disabled and powered-down when not used. The SYSREF
output pre-bias feature supports prevention of power-on glitches
and enables AC-coupling of the system synchronization signals.
The device is configured through a 3-wire SPI serial interface. The
device is packaged in a lead-free (RoHS 6) 64-lead VFQFPN
package. The extended temperature range supports wireless
infrastructure, telecommunication and networking end equipment
requirements. The device is a member of the high-performance
clock family from IDT.

Features
▪ Supports high-speed, low phase noise converter clocks
▪ Distribution, fanout, phase-delay of clock and SYSREF signals
▪ Very low output noise floor: -158.8dBc/Hz noise floor
(245.76MHz)
▪ Supports clock frequencies up to 3GHz, including clock output
frequencies of 983.04MHz, 491.52MHz, 245.76MHz, and
122.88MHz
▪ 4 output channels with a total of 16 differential outputs,
organized in:
• 8 dedicated clock outputs
• 8 outputs configurable as SYSREF outputs with individual
phase delay stages, or configurable as additional clock
outputs
▪ Each channel contains:
• Frequency dividers: ÷1, ÷2, ÷4, ÷6, ÷8, ÷12, ÷16
• Clock phase delay circuits
▪ Clock phase delay circuits
• Clock: delay unit is the clock period; 256 steps
• SYSREF: Configurable precision phase delay circuits:
8 steps of 131ps, 262ps, 393ps, or 524ps
▪ Flexible differential outputs:
• LVDS/LVPECL configurable
• Amplitude configurable
• Power-down modes for unused outputs
• Supports DC and AC coupling
• QREF (SYSREF) output pre-bias feature to prevent glitches
when turning output on or off
▪ Supply voltage:
• 3.3V core and signal I/O
• 1.8V Digital control SPI I/O (3.3V-tolerant inputs)
▪ 64 VFQFPN package (9 × 9 × 0.85 mm)
▪ Ambient temperature range: -40°C to +85°C




Similar Part No. - 8V79S680

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V79S680 IDT-8V79S680 Datasheet
736Kb / 52P
JESD204B Compliant Fanout Buffer and Divider
logo
Renesas Technology Corp
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 47P
JESD204B Compliant Fanout Buffer and Divider
March 13, 2026
logo
Integrated Device Techn...
8V79S680NLGI IDT-8V79S680NLGI Datasheet
736Kb / 52P
JESD204B Compliant Fanout Buffer and Divider
8V79S680NLGI IDT-8V79S680NLGI Datasheet
698Kb / 49P
JESD204B-Compliant Fanout Buffer and Divider
logo
Renesas Technology Corp
8V79S680NLGI RENESAS-8V79S680NLGI Datasheet
1Mb / 47P
JESD204B Compliant Fanout Buffer and Divider
March 13, 2026
More results


Similar Description - 8V79S680

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
8V79S680 IDT-8V79S680 Datasheet
736Kb / 52P
JESD204B Compliant Fanout Buffer and Divider
8V79S680 IDT-8V79S680_17 Datasheet
698Kb / 49P
JESD204B-Compliant Fanout Buffer and Divider
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
Clock Fanout Buffer/Frequency Divider
05/11/15
8V79S683 RENESAS-8V79S683 Datasheet
1Mb / 53P
JESD204B/C Compliant Fanout Buffer and Divider
September 13, 2021
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com