Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2414-Z Datasheet (PDF) - Renesas Technology Corp

2414-Z Datasheet PDF - Renesas Technology Corp
Part # 2414-Z
Download  2414-Z Download
File Size   311.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2414-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
2414-Z Datasheet PDF - Renesas Technology Corp

Part # 2414-Z
Download  2414-Z Click to download

File Size   311.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2414-Z Datasheet (HTML) - Renesas Technology Corp


2414-Z Product details

SWITCHING
N-CHANNEL POWER MOS FET

DESCRIPTION
The 2SK2414 is N-Channel MOS Field Effect Transistor designed
for high voltage switching applications.

FEATURES
• Low On-Resistance
RDS(on)1 = 70 mΩ MAX. (VGS = 10 V, ID = 5.0 A)
RDS(on)2 = 95 mΩ MAX. (VGS = 4 V, ID = 5.0 A)
• Low Ciss: Ciss = 860 pF TYP.
• Built-in G-S Gate Protection Diodes
• High Avalanche Capability Ratings




Similar Part No. - 2414-Z

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2414-001-2486 TEC-2414-001-2486 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
2414-002-1886 TEC-2414-002-1886 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
Videk Ltd
2414-1 VIDEK-2414-1 Datasheet
134Kb / 1P
Mini DisplayPort to HDMI Cables
2414-2 VIDEK-2414-2 Datasheet
134Kb / 1P
Mini DisplayPort to HDMI Cables
2414-3 VIDEK-2414-3 Datasheet
134Kb / 1P
Mini DisplayPort to HDMI Cables
More results


Similar Description - 2414-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com