Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843002I Datasheet (PDF) - Renesas Technology Corp

843002I Datasheet PDF - Renesas Technology Corp
Part # 843002I
Download  843002I Download
File Size   551.98 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClockTM Crystal-To-3.3V, 2.5V

843002I Datasheet (PDF)

Go To PDF Page Download Datasheet
843002I Datasheet PDF - Renesas Technology Corp

Part # 843002I
Download  843002I Click to download

File Size   551.98 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClockTM Crystal-To-3.3V, 2.5V

843002I Datasheet (HTML) - Renesas Technology Corp


843002I Product details

GENERAL DESCRIPTION
T h e 8 4 3 0 0 2 I i s a 2 o u t p u t LV P E C L s y n t h e s i ze r
optimized to generate Fibre Channel reference
clock frequencies and is a member of thefamily of high
performance clock solutions from IDT. Using a 26.5625MHz,
18pF parallel resonant crystal, the following frequencies
can be generated based on the 2 frequency select pins (F_
SEL[1:0]): 212.5MHz, 187.5MHz, 159.375MHz, 106.25MHz, and
53.125MHz. The 843002I uses IDT’s FemtoClockTM low
phase noise VCO technology and can achieve 1ps or lower
typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The 843002I is packaged in a small 20-pin TSSOP
package.

FEATURES
• Two 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @212.5MHz (2.55MHz - 20MHz):
0.50ps (typical)
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package
• For functional replacement part use 8T49N242




Similar Part No. - 843002I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843002I-01 IDT-843002I-01 Datasheet
304Kb / 17P
LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843002I-01 RENESAS-843002I-01 Datasheet
507Kb / 18P
FemtoClocks® Crystal-to3.3V, 2.5V LVPECL Frequency Synthesizer
2/20/15
logo
Integrated Device Techn...
843002I-40 IDT-843002I-40 Datasheet
340Kb / 24P
175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-40 RENESAS-843002I-40 Datasheet
549Kb / 25P
175MHz, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Device Techn...
843002I-41 IDT-843002I-41 Datasheet
341Kb / 24P
700MHZ, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
More results


Similar Description - 843002I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843081I-01 ICST-ICS843081I-01 Datasheet
195Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK MULTIPLIER
REV. B JANUARY 23, 2006
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
logo
Integrated Device Techn...
843081I-01 IDT-843081I-01 Datasheet
215Kb / 16P
FemtoClock짰 Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
845254 IDT-845254 Datasheet
246Kb / 20P
FemtoClock Crystal-to-3.3V, 2.5V
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
843071 IDT-843071 Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com