Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT241 Datasheet (PDF) - NXP Semiconductors

74LVT241 Datasheet PDF - NXP Semiconductors
Part # 74LVT241
Download  74LVT241 Download
File Size   90.28 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal buffer/line driver 3-State

74LVT241 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT241 Datasheet PDF - NXP Semiconductors

Part # 74LVT241
Download  74LVT241 Click to download

File Size   90.28 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal buffer/line driver 3-State

74LVT241 Datasheet (HTML) - NXP Semiconductors


74LVT241 Product details

DESCRIPTION

The 74LVT241 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

The 74LVT241 device is an octal buffer that is ideal for driving bus lines. The device features two Output Enables (1OE, 2OE), each controlling four of the 3-State outputs.



FEATURES

• Octal bus interface

• 3-State buffers

• Output capability: +64mA/-32mA

• TTL input and output switching levels

• Input and output interface capability to systems at 5V supply

• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs

• Power-up 3-State

• Live insertion/extraction permitted

• No bus current loading when output is tied to 5V bus

• Latch-up protection exceeds 500mA per JEDEC Std 17

• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model.



 




Similar Part No. - 74LVT241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74LVT241BQ NXP-74LVT241BQ Datasheet
112Kb / 16P
3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241BQ NEXPERIA-74LVT241BQ Datasheet
244Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74LVT241D NXP-74LVT241D Datasheet
112Kb / 16P
3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
More results


Similar Description - 74LVT241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Nov
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Oct 02
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com