Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH244A Datasheet (PDF) - NXP Semiconductors

74LVTH244A Datasheet PDF - NXP Semiconductors
Part # 74LVTH244A
Download  74LVTH244A Download
File Size   101.08 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal buffer/line driver 3-State

74LVTH244A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVTH244A Datasheet PDF - NXP Semiconductors

Part # 74LVTH244A
Download  74LVTH244A Click to download

File Size   101.08 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal buffer/line driver 3-State

74LVTH244A Datasheet (HTML) - NXP Semiconductors


74LVTH244A Product details

DESCRIPTION
The LVTH244A is a high-performance BiCMOS product designed for VCC operation at 3.3V.

FEATURES
• Octal bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Power-up 3-State
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - 74LVTH244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVTH244A NEXPERIA-74LVTH244A Datasheet
251Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVTH244A-Q100 NEXPERIA-74LVTH244A-Q100 Datasheet
710Kb / 15P
3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVTH244ABQ NXP-74LVTH244ABQ Datasheet
99Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVTH244ABQ NEXPERIA-74LVTH244ABQ Datasheet
251Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Similar Description - 74LVTH244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Nov
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com