Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

260725 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

260725 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 260725
Download  260725 Download
File Size   319.97 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Plastic Connector Housing

260725 Datasheet (PDF)

Go To PDF Page Download Datasheet
260725 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 260725
Download  260725 Click to download

File Size   319.97 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Plastic Connector Housing

260725 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


260725 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 260725

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26072 ETC2-26072 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Wiha Tools
26072 WIHA-26072 Datasheet
413Kb / 1P
SCREWDRIVERS AND NUT DRIVERS
More results


Similar Description - 260725

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
3W3P-1017 WINCHESTER-3W3P-1017 Datasheet
55Kb / 1P
2E2P D-SUB HOUSING
5W5P-1004 WINCHESTER-5W5P-1004 Datasheet
73Kb / 1P
5W5P D-SUB HOUSING
RM3W3P-00-ZB WINCHESTER-RM3W3P-00-ZB Datasheet
60Kb / 1P
3W3P D-SUB HOUSING
RM36W4P-50-ZB WINCHESTER-RM36W4P-50-ZB Datasheet
82Kb / 1P
D-SUB HOUSING LAYOUT
logo
Wurth Elektronik GmbH &...
260709 WURTH-260709 Datasheet
320Kb / 4P
WE-D-SUB Plastic Connector Housing
002.000
260715 WURTH-260715 Datasheet
320Kb / 4P
WE-D-SUB Plastic Connector Housing
002.000
260737 WURTH-260737 Datasheet
320Kb / 4P
WE-D-SUB Plastic Connector Housing
002.000
260750 WURTH-260750 Datasheet
320Kb / 4P
WE-D-SUB Plastic Connector Housing
002.000
234016003 WURTH-234016003 Datasheet
299Kb / 5P
WE-D-SUB Filter Adapter
001.001
236016003 WURTH-236016003 Datasheet
301Kb / 5P
WE-D-SUB Filter Adapter
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com