Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V09L Datasheet (PDF) - Renesas Technology Corp

70V09L Datasheet PDF - Renesas Technology Corp
Part # 70V09L
Download  70V09L Download
File Size   460.6 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM

70V09L Datasheet (PDF)

Go To PDF Page Download Datasheet
70V09L Datasheet PDF - Renesas Technology Corp

Part # 70V09L
Download  70V09L Click to download

File Size   460.6 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM

70V09L Datasheet (HTML) - Renesas Technology Corp


70V09L Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 15ns (max.)
– Industrial: 20ns (max.)
◆ Low-power operation
– IDT70V09L
Active: 440mW (typ.)
Standby: 660μW (typ.)
◆ Dual chip enables allow for depth expansion without
external logic
◆ IDT70V09 easily expands data bus width to 16 bits or
more using the Master/Slave select when cascading more
than one device
◆ M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
◆ Busy and Interrupt Flags
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ LVTTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in a 100-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 70V09L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V09L15PFG IDT-70V09L15PFG Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFG IDT-70V09L15PFG Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFG8 IDT-70V09L15PFG8 Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFG8 IDT-70V09L15PFG8 Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFGI IDT-70V09L15PFGI Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - 70V09L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_13 Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com