Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V256SA15YG Datasheet (PDF) - Renesas Technology Corp

71V256SA15YG Datasheet PDF - Renesas Technology Corp
Part # 71V256SA15YG
Download  71V256SA15YG Download
File Size   190.09 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)

71V256SA15YG Datasheet (PDF)

Go To PDF Page Download Datasheet
71V256SA15YG Datasheet PDF - Renesas Technology Corp

Part # 71V256SA15YG
Download  71V256SA15YG Click to download

File Size   190.09 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)

71V256SA15YG Datasheet (HTML) - Renesas Technology Corp


71V256SA15YG Product details

Features
◆ Ideal for high-performance processor secondary cache
◆ Commercial (0°C to +70°C) and Industrial (–40°C to +85°C)
temperature range options
◆ Fast access times:
– Commercial and Industrial: 12/15/20ns
◆ Low standby current (maximum):
– 2mA full standby
◆ Small packages for space-efficient layouts:
– 28-pin 300 mil SOJ
– 28-pin TSOP Type I
◆ Produced with advanced high-performance CMOS
technology
◆ Inputs and outputs are LVTTL-compatible
◆ Single 3.3V(±0.3V) power supply
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 71V256SA15YG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V256SA15YPZG IDT-71V256SA15YPZG Datasheet
592Kb / 8P
Lower Power 3.3V CMOS Fast SRAM
71V256SA15YPZG8 IDT-71V256SA15YPZG8 Datasheet
592Kb / 8P
Lower Power 3.3V CMOS Fast SRAM
71V256SA15YPZGI IDT-71V256SA15YPZGI Datasheet
592Kb / 8P
Lower Power 3.3V CMOS Fast SRAM
71V256SA15YPZGI8 IDT-71V256SA15YPZGI8 Datasheet
592Kb / 8P
Lower Power 3.3V CMOS Fast SRAM
More results


Similar Description - 71V256SA15YG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
32K X 8 BIT CMOS SRAM
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
IDT71V256SB IDT-IDT71V256SB Datasheet
66Kb / 6P
3.3V CMOS FAST SRAM WITH 2.5V COMPATIBLE INPUTS 256K (32K x 8-BIT)
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
32K x 8-BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_04 Datasheet
478Kb / 8P
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_15 Datasheet
592Kb / 8P
Lower Power 3.3V CMOS Fast SRAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com