Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854S01I Datasheet (PDF) - Renesas Technology Corp

854S01I Datasheet PDF - Renesas Technology Corp
Part # 854S01I
Download  854S01I Download
File Size   654.91 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 Differential-to-LVDS Multiplexer

854S01I Datasheet (PDF)

Go To PDF Page Download Datasheet
854S01I Datasheet PDF - Renesas Technology Corp

Part # 854S01I
Download  854S01I Click to download

File Size   654.91 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 Differential-to-LVDS Multiplexer

854S01I Datasheet (HTML) - Renesas Technology Corp


854S01I Product details

Features
• 2:1 LVDS MUX
• One LVDS output pair
• Two differential clock inputs can accept: LVPECL, LVDS, CML
• Maximum input/output frequency: 2.5GHz
• Translates LVCMOS/LVTTL input signals to LVDS levels by using
a resistor bias network on nPCLK0, nPCLK1
• RMS additive phase jitter: 0.06ps (typical)
• Propagation delay: 600ps (maximum)
• Part-to-part skew: 350ps (maximum)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Supports case temperature up to +105°C
• Available in lead-free (RoHS 6) package




Similar Part No. - 854S01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
854S015CKI-01LF IDT-854S015CKI-01LF Datasheet
940Kb / 27P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
854S015CKI-01LFT IDT-854S015CKI-01LFT Datasheet
940Kb / 27P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
854S01AKILF IDT-854S01AKILF Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
854S01AKILFT IDT-854S01AKILFT Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
More results


Similar Description - 854S01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
855S54 RENESAS-855S54 Datasheet
654Kb / 19P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
September 19, 2017
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
ICS854S54I RENESAS-ICS854S54I Datasheet
742Kb / 21P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com