Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS854S54I-01 Datasheet (PDF) - Renesas Technology Corp

ICS854S54I-01 Datasheet PDF - Renesas Technology Corp
Part # ICS854S54I-01
Download  ICS854S54I-01 Download
File Size   419.15 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1, 1:2 Differential-to-LVDS Multiplexer

ICS854S54I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S54I-01 Datasheet PDF - Renesas Technology Corp

Part # ICS854S54I-01
Download  ICS854S54I-01 Click to download

File Size   419.15 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1, 1:2 Differential-to-LVDS Multiplexer

ICS854S54I-01 Datasheet (HTML) - Renesas Technology Corp


ICS854S54I-01 Product details

Description
The ICS854S54I-01 is a 2:1/1:2 Multiplexer. The 2:1 Multiplexer
allows one of two inputs to be selected onto one output pin and the
1:2 MUX switches one input to both outputs. This device may be
useful for multiplexing multi-rate Ethernet PHYs which have 100Mbit
and 1000Mbit transmit/receive pairs onto an optical SFP module
which has a single transmit/receive pair. Another mode allows loop
back testing and allows the output of a PHY transmit pair to be routed
to the PHY input pair. For examples, please refer to the Application
Information section of the data sheet.
The ICS854S54I-01 is optimized for applications requiring very high
performance and has a maximum operating frequency of 2.5GHz.
The device is packaged in a small, 3mm x 3mm VFQFN package,
making it ideal for use on space-constrained boards.
Features
• Dual 2:1, 1:2 MUX
• Three LVDS output pairs
• Three differential clock inputs can accept: LVPECL, LVDS, CML
• Loopback test mode available
• Maximum output frequency: 2.5GHz
• Propagation delay: 600ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Additive phase jitter, RMS: 0.031ps (typical)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS854S54I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
More results


Similar Description - ICS854S54I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
855S54 RENESAS-855S54 Datasheet
654Kb / 19P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
September 19, 2017
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
ICS854S54I RENESAS-ICS854S54I Datasheet
742Kb / 21P
Dual 2:1 and 1:2 Differential-to-LVDS Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com