Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70914S Datasheet (PDF) - Renesas Technology Corp

70914S Datasheet PDF - Renesas Technology Corp
Part # 70914S
Download  70914S Download
File Size   413.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM

70914S Datasheet (PDF)

Go To PDF Page Download Datasheet
70914S Datasheet PDF - Renesas Technology Corp

Part # 70914S
Download  70914S Click to download

File Size   413.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM

70914S Datasheet (HTML) - Renesas Technology Corp


70914S Product details

Features
◆ High-speed clock-to-data output times
– Commercial: 12ns (max.)
◆ Low-power operation
– IDT70914S
Active: 850 mW (typ.)
Standby: 50 mW (typ.)
◆ Architecture based on Dual-Port RAM cells
– Allows full simultaneous access from both ports
◆ Clock Enable feature
◆ TTL-compatible, single 5V (+ 10%) power supply
◆ Synchronous operation
– 4ns setup to clock, 1ns hold on all control, data, and address
inputs
– Data input, address, and control registers
– Fast 12ns clock to data out
– Self-timed write allows fast cycle times
– 16ns cycle times, 60MHz operation
◆ Guaranteed data output hold times
◆ Available in an 80-pin TQFP
◆ Green parts available, see ordering information




Similar Part No. - 70914S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70914S12JG IDT-70914S12JG Datasheet
664Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
70914S12JG IDT-70914S12JG Datasheet
133Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
70914S12JG8 IDT-70914S12JG8 Datasheet
664Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
70914S12JG8 IDT-70914S12JG8 Datasheet
133Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
70914S12PFG IDT-70914S12PFG Datasheet
664Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results


Similar Description - 70914S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com