Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7099S Datasheet (PDF) - Integrated Device Technology

IDT7099S Datasheet PDF - Integrated Device Technology
Part # IDT7099S
Download  IDT7099S Download
File Size   131.46 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM

IDT7099S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7099S Datasheet PDF - Integrated Device Technology

Part # IDT7099S
Download  IDT7099S Click to download

File Size   131.46 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM

IDT7099S Datasheet (HTML) - Integrated Device Technology


IDT7099S Product details

DESCRIPTION:
The IDT7099 is a high-speed 4K x 9 bit synchronous Dual Port RAM. The memory array is based on Dual-Port memory cells to allow simultaneous access from both ports. Registers on control, data, and address inputs provide low set-up and hold times. The timing latitude provided by this approach allow systems to be designed with very short realized cycle times. With an input data register, this device has been optimized for applications having unidirectional data flow or bi-directional data flow in bursts. Changing data direction from reading to writing normally requires one dead cycle.

FEATURES:
• High-speed clock-to-data output times
    — Military: 20/25/30ns (max.)
    — Commercial: 15/20/25ns (max.)
• Low-power operation
    — IDT7099S
        Active: 900 mW (typ.)
        Standby: 50 mW (typ.)
• Architecture based on Dual-Port RAM cells
    — Allows full simultaneous access from both ports
    — Independent bit/byte Read and Write inputs for control functions
• Synchronous operation
    — 4ns setup to clock, 1ns hold on all control, data, and address inputs
    — Data input, address, and control registers
    — Fast 15ns clock to data out
    — 20ns cycle times, 50MHz operation
• Clock enable feature
• Guaranteed data output hold times
• Available in 68-pin PGA, 68-pin PLCC, and 80-pin TQFP
• Military product compliant to MIL-STD-883, Class B
• Industrial temperature range (–40°C to +85°C) is avail able, tested to military electrical specifications




Similar Part No. - IDT7099S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709079L IDT-IDT709079L Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709079L12PF IDT-IDT709079L12PF Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709079L12PFI IDT-IDT709079L12PFI Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709079L15PF IDT-IDT709079L15PF Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709079L15PFI IDT-IDT709079L15PFI Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Similar Description - IDT7099S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
4K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com