Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8430I-61 Datasheet (PDF) - Renesas Technology Corp

8430I-61 Datasheet PDF - Renesas Technology Corp
Part # 8430I-61
Download  8430I-61 Download
File Size   501.43 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer

8430I-61 Datasheet (PDF)

Go To PDF Page Download Datasheet
8430I-61 Datasheet PDF - Renesas Technology Corp

Part # 8430I-61
Download  8430I-61 Click to download

File Size   501.43 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer

8430I-61 Datasheet (HTML) - Renesas Technology Corp


8430I-61 Product details

FEATURES
• Dual differential 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 20.83MHz to 500MHz
• Crystal input frequency range: 14MHz to 27MHz
• VCO range: 250MHz to 500MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 6ps (maximum)
• Cycle-to-cycle jitter: 30ps (maximum)
• Supply voltage modes:
VCC/VCCA/VCCO
3.3/3.3/3.3
3.3/3.3/2.5
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package




Similar Part No. - 8430I-61

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8430I-61 IDT-8430I-61 Datasheet
294Kb / 21P
LVPECL Frequeny Synthesizer
More results


Similar Description - 8430I-61

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 21, 2004
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
8430I-61 IDT-8430I-61 Datasheet
294Kb / 21P
LVPECL Frequeny Synthesizer
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com