| Manufacturer | Part # | Datasheet | Description |
 Integrated Circuit Syst... |
ICS8430I-61
|
174Kb / 16P |
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 21, 2004 |
|
ICS8430-61
|
175Kb / 15P |
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004 |
|
ICS8432-51
|
160Kb / 17P |
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005 |
|
ICS8432-51K
|
227Kb / 16P |
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004 |
|
ICS8432I-51
|
150Kb / 16P |
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003 |
 Pericom Semiconductor C... |
PI6C484321
|
507Kb / 9P |
260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
|
 Integrated Device Techn... |
843004I-01
|
406Kb / 19P |
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
|
|
ICS843004I-156
|
246Kb / 19P |
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
|
 Renesas Technology Corp |
8430-61
|
515Kb / 22P |
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016 |
|
8430I-61
|
501Kb / 22P |
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer
10/15/15 |