Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8725B-21 Datasheet (PDF) - Renesas Technology Corp

8725B-21 Datasheet PDF - Renesas Technology Corp
Part # 8725B-21
Download  8725B-21 Download
File Size   536.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-To-HSTL Zero Delay Clock Generator

8725B-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
8725B-21 Datasheet PDF - Renesas Technology Corp

Part # 8725B-21
Download  8725B-21 Click to download

File Size   536.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-To-HSTL Zero Delay Clock Generator

8725B-21 Datasheet (HTML) - Renesas Technology Corp


8725B-21 Product details

Features
• One differential HSTL output pair
One differential feedback output pair
• Differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential 
input levels: LVPECL, LVDS, HSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 630MHz
• Input frequency range: 31.25MHz to 630MHz
•VCO range: 250MHz to 630MHz
• External feedback for “zero delay” clock regeneration 
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 50ps (maximum)
• Output skew: 50ps (maximum)
• Static phase offset: 200ps (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 70°C ambient operating temperature




Similar Part No. - 8725B-21

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8725BY-01 RENESAS-8725BY-01 Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
8725BY-01LF RENESAS-8725BY-01LF Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
8725BY-01LFT RENESAS-8725BY-01LFT Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
8725BY-01T RENESAS-8725BY-01T Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
More results


Similar Description - 8725B-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
Differential-to-HSTL Zero Delay Clock Generator
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com