Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS872S480 Datasheet (PDF) - Renesas Technology Corp

ICS872S480 Datasheet PDF - Renesas Technology Corp
Part # ICS872S480
Download  ICS872S480 Download
File Size   1029.49 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-HSTL Zero Delay Clock Generator

ICS872S480 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS872S480 Datasheet PDF - Renesas Technology Corp

Part # ICS872S480
Download  ICS872S480 Click to download

File Size   1029.49 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-HSTL Zero Delay Clock Generator

ICS872S480 Datasheet (HTML) - Renesas Technology Corp


ICS872S480 Product details

General Description
The ICS872S480 is a Zero Delay Clock Generator with hitless input
clock switching capability. The ICS872S480 is ideal for use in
redundant, fault tolerant clock trees where low jitter frequency
synthesis are critical. The device receives two differential clock
signals from which it generates two outputs with “zero” delay. The
output and feedback dividers are configured to allow for a 1:1
frequency generation ratio.
The ICS872S480 Dynamic Clock Switch (DCS) circuit continuously
monitors both input clock signals. Upon detection of an invalid clock
input (stuck LOW or HIGH for at least one complete clock period of
the VCO feedback frequency), the loss of reference monitor will be
set HIGH. If that clock is the primary clock, the DCS will switch to the
good secondary clock and phase/frequency alignment will occur
with minimal output phase disturbance. Once the primary clock is
restored to a good state, the DCS will automatically switch back to
the primary clock input.
The low jitter characteristics with input clock monitoring and DCS
capability make the ICS872S480 an ideal choice for DDR3
applications requiring fault tolerant reference clocks.
Features
• Three differential HSTL output pairs
• Selectable differential CLKx, nCLKx input pairs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, HSTL, HCSL
• Output frequency range: 350MHz to 950MHz
• Input frequency range: 350MHz to 950MHz
• VCO range: 970MHz to 2250MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Static phase offset: ±100ps (maximum)
• Cycle-to-cycle jitter: 25ps (maximum)
• Output skew: 20ps (maximum)
• 3.3V operating voltage supply
• Selectable DDR3 or DDR3 low voltage output
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS872S480

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
Differential-to-HSTL Zero Delay Clock Generator
More results


Similar Description - ICS872S480

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
Differential-to-HSTL Zero Delay Clock Generator
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com