Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709269L Datasheet (PDF) - Renesas Technology Corp

709269L Datasheet PDF - Renesas Technology Corp
Part # 709269L
Download  709269L Download
File Size   339.84 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM

709269L Datasheet (PDF)

Go To PDF Page Download Datasheet
709269L Datasheet PDF - Renesas Technology Corp

Part # 709269L
Download  709269L Click to download

File Size   339.84 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM

709269L Datasheet (HTML) - Renesas Technology Corp


709269L Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 9/12/15ns (max.)
– Industrial: 12ns (max.)
◆ Low-power operation
– IDT709279/69S
Active: 950mW (typ.)
Standby: 5mW (typ.)
– IDT709279/69L
Active: 950mW (typ.)
Standby: 1mW (typ.)
◆ Flow-Through or Pipelined output mode on either port via
the FT/PIPE pin
◆ Dual chip enables allow for depth expansion without
additional logic
◆ Counter enable and reset features
◆ Full synchronous operation on both ports
– 4ns setup to clock and 1ns hold on all control, data, and
address inputs
– Data input, address, and control registers
– Fast 9ns clock to data out in the Pipelined output mode
– Self-timed write allows fast cycle time
– 15ns cycle time, 67MHz operation in Pipelined output mode
◆ Separate upper-byte and lower-byte controls for
multiplexed bus and bus matching compatibility
◆ TTL- compatible, single 5V (±10%) power supply
◆ Industrial temperature range (–40°C to +85°C) is
available for selected speeds
◆ Available in a 100-pin Thin Quad Flatpack (TQFP) package
◆ Green parts available. See ordering information




Similar Part No. - 709269L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709269L12PFG IDT-709269L12PFG Datasheet
698Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
709269L12PFG IDT-709269L12PFG Datasheet
222Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
709269L12PFG8 IDT-709269L12PFG8 Datasheet
698Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
709269L12PFG8 IDT-709269L12PFG8 Datasheet
222Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
709269L12PFGI IDT-709269L12PFGI Datasheet
698Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Similar Description - 709269L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
709379 RENESAS-709379 Datasheet
360Kb / 17P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com