Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86004-01 Datasheet (PDF) - Renesas Technology Corp

86004-01 Datasheet PDF - Renesas Technology Corp
Part # 86004-01
Download  86004-01 Download
File Size   155.56 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer

86004-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
86004-01 Datasheet PDF - Renesas Technology Corp

Part # 86004-01
Download  86004-01 Click to download

File Size   155.56 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer

86004-01 Datasheet (HTML) - Renesas Technology Corp


86004-01 Product details

FEATURES
• Four LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Single LVCMOS/LVTTL clock input
• CLK accepts the following input levels: LVCMOS or LVTTL
• Output frequency range: 62.5MHz to 250MHz
• Input frequency range: 62.5MHz to 250MHz
• External feedback for “zero delay” clock regeneration
with confi gurable frequencies
• Fully integrated PLL
• Cycle-to-cycle jitter, (F_SEL = 1): 45ps (maximum)
• Output skew: 60ps (maximum)
• Supply Voltage Modes:
(Core/Output)
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• 5V tolerant input
• -40°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 86004-01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
Bezel Adapter System
86004-3079 MOLEX-86004-3079 Datasheet
165Kb / 4P
Bezel Adapter System
86004-3080 MOLEX-86004-3080 Datasheet
165Kb / 4P
Bezel Adapter System
86004-3081 MOLEX-86004-3081 Datasheet
165Kb / 4P
Bezel Adapter System
86004-3082 MOLEX-86004-3082 Datasheet
165Kb / 4P
Bezel Adapter System
More results


Similar Description - 86004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS86004-02 IDT-ICS86004-02 Datasheet
588Kb / 10P
62.5MHZ TO 250MHZ, 1-TO-4 LVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
86004 RENESAS-86004 Datasheet
419Kb / 14P
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87002-05 RENESAS-ICS87002-05 Datasheet
951Kb / 13P
1:2 LVCMOS/LVTTL-to-LVCMOS/LVTTL Zero Delay Buffer for Audio
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com