Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA214020 Datasheet (PDF) - Renesas Technology Corp

RAA214020 Datasheet PDF - Renesas Technology Corp
Part # RAA214020
Download  RAA214020 Download
File Size   2721.38 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Noise, High PSRR, LDO

RAA214020 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA214020 Datasheet PDF - Renesas Technology Corp

Part # RAA214020
Download  RAA214020 Click to download

File Size   2721.38 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Noise, High PSRR, LDO

RAA214020 Datasheet (HTML) - Renesas Technology Corp


RAA214020 Product details

Features
▪ Input Voltage Range: 2.7V to 5.5V
▪ Max Output Current: 2A
▪ Max Dropout Voltage: 540mV at 2A and 3.3 VOUT
▪ Low RMS output noise: 6.3µVRMS (10Hz to
100kHz)
▪ Output Voltage Adjustable: 0.9V to 5.5V-VDROPOUT
▪ Noise Spectral Density:
• 184nV/√Hz at 10Hz
• 79nV/√Hz at 10kHz
▪ High PSRR for VHEADROOM = 1.7V:
• 100kHz: 64dB at 2A and 77dB at 500mA
• 1MHz: 50dB at 2A and 55dB at 500mA
▪ Output Voltage Accuracy: ±1.5% over line, load,
and temperature
▪ Fast start-up: 200µs at VHEADROOM = 3.7V
▪ Typical shutdown current: 200nA at 125°C
▪ Overvoltage indication, and overcurrent and
over-temperature fault protection




Similar Part No. - RAA214020

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
More results


Similar Description - RAA214020

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
List of Unclassifed Man...
FT531 ETC2-FT531 Datasheet
271Kb / 23P
Ultra Low Noise, High PSRR, 250mA LDO
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
Ultra Low Noise, High PSRR, 250mA LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
Ultra Low Noise, High PSRR, 250mA LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com