Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10CM-16LH Datasheet (PDF) - Renesas Technology Corp

BCR10CM-16LH Datasheet PDF - Renesas Technology Corp
Part # BCR10CM-16LH
Download  BCR10CM-16LH Download
File Size   501.53 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 800V - 10A - Triac

BCR10CM-16LH Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR10CM-16LH Datasheet PDF - Renesas Technology Corp

Part # BCR10CM-16LH
Download  BCR10CM-16LH Click to download

File Size   501.53 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 800V - 10A - Triac

BCR10CM-16LH Datasheet (HTML) - Renesas Technology Corp


BCR10CM-16LH Product details

Features
• IT (RMS) : 10 A
• VDRM : 800 V
• IFGTI, IRGTI, IRGT III: 50 mA or 35 mA(IGT item:1)
• Tj: 150°C
• Planar Passivation Type
• High Commutation




Similar Part No. - BCR10CM-16LH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
800V - 10A - Triac Medium Power Use
More results


Similar Description - BCR10CM-16LH

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10XB80 SHINDENGEN-D10XB80 Datasheet
309Kb / 6P
General Purpose Rectifiers(800V 10A)
logo
NEC
AC10DGM NEC-AC10DGM Datasheet
604Kb / 6P
10A MOLD TRIAC
logo
Nihon Inter Electronics...
TSN10A80 NIEC-TSN10A80 Datasheet
53Kb / 2P
THYRISTOR - 10A 800V TO-262
logo
List of Unclassifed Man...
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
400/600/800V - TRIAC
logo
Renesas Technology Corp
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
800V - 10A - Triac Medium Power Use
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
800V - 8A - Triac
BCR2PM-14LE RENESAS-BCR2PM-14LE_14 Datasheet
294Kb / 7P
800V ??2A - Triac
logo
Rohm
R8010ANX ROHM-R8010ANX Datasheet
885Kb / 14P
Nch 800V 10A Power MOSFET
logo
Renesas Technology Corp
BCR10FM-12LB RENESAS-BCR10FM-12LB Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
800V - 16A - Triac
Oct. 10, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com