Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10FM-12LB Datasheet (PDF) - Renesas Technology Corp

BCR10FM-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR10FM-12LB
Download  BCR10FM-12LB Download
File Size   518.08 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 10A - Triac

BCR10FM-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR10FM-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR10FM-12LB
Download  BCR10FM-12LB Click to download

File Size   518.08 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 10A - Triac

BCR10FM-12LB Datasheet (HTML) - Renesas Technology Corp


BCR10FM-12LB Product details

Features
• IT (RMS) : 10 A
• VDRM : 600 V
• Tj: 150 °C
• IFGTI, IRGTI, IRGT III: 30 mA(20mA) Note5
• Insulated Type
• Planar Passivation Type
• Viso: 2000V




Similar Part No. - BCR10FM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-12LB RENESAS-BCR10FM-12LB_15 Datasheet
117Kb / 8P
600V - 10A - Triac Medium Power Use
More results


Similar Description - BCR10FM-12LB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
logo
Sanken electric
TM1041S-L SANKEN-TM1041S-L Datasheet
61Kb / 2P
TO-220F 10A Triac
TM1041S-R SANKEN-TM1041S-R Datasheet
32Kb / 1P
TO-220F 10A Triac
logo
NEC
AC10DGM NEC-AC10DGM Datasheet
604Kb / 6P
10A MOLD TRIAC
logo
Hi-Sincerity Mocroelect...
HST06 HSMC-HST06 Datasheet
129Kb / 4P
TRIAC 600V,6A
logo
SemiHow Co.,Ltd.
HTS10A80AS SEMIHOW-HTS10A80AS Datasheet
106Kb / 4P
3 Quadrants 10A TRIAC
logo
Renesas Technology Corp
BCR10FM-12LB RENESAS-BCR10FM-12LB_15 Datasheet
117Kb / 8P
600V - 10A - Triac Medium Power Use
BCR10CM-12LB RENESAS-BCR10CM-12LB_15 Datasheet
152Kb / 9P
600V - 10A - Triac Medium Power Use
BCR10CM-16LH RENESAS-BCR10CM-16LH Datasheet
501Kb / 9P
800V - 10A - Triac
Feb. 1, 2019
BCR10FM-12LC RENESAS-BCR10FM-12LC Datasheet
509Kb / 9P
600V - 10A - Triac Medium Power Use
Feb. 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com