Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1001D125 Datasheet (PDF) - Renesas Technology Corp

DAC1001D125 Datasheet PDF - Renesas Technology Corp
Part # DAC1001D125
Download  DAC1001D125 Download
File Size   385.7 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC, up to 125 Msps

DAC1001D125 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1001D125 Datasheet PDF - Renesas Technology Corp

Part # DAC1001D125
Download  DAC1001D125 Click to download

File Size   385.7 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC, up to 125 Msps

DAC1001D125 Datasheet (HTML) - Renesas Technology Corp


DAC1001D125 Product details

Features and benefits
 Dual 10-bit resolution
 125 Msps update rate
 Single 3.3 V supply
 Dual-port or Interleaved data modes
 1.8 V, 3.3 V and 5 V compatible digital inputs
 Internal and external reference
 2 mA to 20 mA full-scale output current
 Typical 185 mW power dissipation
 16 mW power-down
 SFDR: 80 dBc; fo = 1 MHz;fs = 52 Msps
 SFDR: 77 dBc; fo = 10.4 MHz; fs = 78Msps
 SFDR: 72 dBc; fo = 1 MHz; fs = 52 Msps; 12 dBFS
 LQFP48 package
 Industrial temperature range of
40 C to +85 C




Similar Part No. - DAC1001D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
Dual 10-bit DAC, up to 125 Msps
logo
NXP Semiconductors
DAC1001D125HL NXP-DAC1001D125HL Datasheet
249Kb / 25P
Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125HL IDT-DAC1001D125HL Datasheet
382Kb / 25P
Dual 10-bit DAC, up to 125 Msps
More results


Similar Description - DAC1001D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
Dual 10-bit DAC, up to 125 Msps
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
Dual 12-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
Dual 12-bit DAC, up to 125 Msps
2 July 2012
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
Dual 14-bit DAC, up to 125 Msps
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com