Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1005D750 Datasheet (PDF) - Renesas Technology Corp

DAC1005D750 Datasheet PDF - Renesas Technology Corp
Part # DAC1005D750
Download  DAC1005D750 Download
File Size   418.37 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating

DAC1005D750 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1005D750 Datasheet PDF - Renesas Technology Corp

Part # DAC1005D750
Download  DAC1005D750 Click to download

File Size   418.37 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating

DAC1005D750 Datasheet (HTML) - Renesas Technology Corp


DAC1005D750 Product details

Features and benefits
 Dual 10-bit resolution
 750 Msps maximum update rate
 Selectable 4 or 8 interpolation filters
 Input data rate up to 185 Msps
 Very low noise cap-free integrated PLL
 32-bit programmable NCO frequency
 Dual port or Interleaved data modes
 1.8 V and 3.3 V power supplies
 LVDS compatible clock
 Two’s complement or binary offset
data format
 1.8 V/3.3 V CMOS input data buffers
 IMD3: 74 dBc; fs = 737.28 Msps;
fo = 140 MHz
 ACPR: 64 dBc; 2-carrier WCDMA;
fs = 737.28 Msps; fo = 153.6 MHz
 Typical 1.2 W power dissipation at 4
interpolation, PLL off and 740 Msps
 Power-down and Sleep modes
 Differential scalable output current from
1.6 mA to 22 mA
 On-chip 1.29 V reference
 External analog offset control
(10-bit auxiliary DACs)
 Internal digital offset control
 Inverse x / (sin x) function
 Fully compatible SPI port
 Industrial temperature range from
40C to +85C




Similar Part No. - DAC1005D750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1005D650HW RENESAS-DAC1005D650HW Datasheet
412Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1005D650HW/C1 NXP-DAC1005D650HW/C1 Datasheet
202Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
More results


Similar Description - DAC1005D750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com